Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA276F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA276F
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA276F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA276F Datasheet HTML 1Page - Solid States Devices, Inc SDA276F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0032B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA276 __ __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package
__ = SDA276
T = SDA276T
G = SDA276G
S = SDA276S
│
│
│
│
│
│
│
│
│
│
│
└ Reverse Recovery 3/
__ = Standard Recovery Time
F = Fast Recovery Time
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Peak Inverse Voltage
A = 50 V, B = 100 V, C = 200 V, D = 400 V,
E = 600 V, F = 800 V, G = 1,000 V
SDA276A thru SDA276G
SERIES
3 AMPS 50 ─ 1,000 VOLTS
150 nsec – 1
μsec
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
• Average Output Current 3.0 Amps @ 55°C
• PIV 50 to 1000 Volts Per Leg
• Reverse Recovery Time: 150nsec - 1μsec
• Operating and Storage Temperature -55°C
to +150
°C
• Subminiature Design for Packaging
Versatility
• Surface Mount Bent Leads Available
• Available in Higher Voltages
• Replacement for 673-1 thru 673-6 and
676-1 thru 676-6
• Available in Standard, Fast, Ultra Fast, and
Hyper Fast Recovery Times
• TX, TXV, and S-Level Screening Available
NOTES: 1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
ELECTRICAL CHARACTERISTICS 4/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS Input
Voltage Max.
Reverse
3/
Recovery Time
Average DC Output
Current
TC=Case Temp
Peak Forward
Surge Current
(1 Cycle)
Maximum Forward
Voltage
(per leg) @ 3 ADC
Maximum Reverse
Current (per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF (AV)
IFSM
VF
IR
Units
Volts
Volts
μs
ns
Amps
Amps
Volts
μA
Conditions
Std
Fast
55
°C
100
°C
Std
Fast
25
°C
100
°C
SDA276A
50
35
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276B
100
70
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276C
200
140
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276D
400
280
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276E
600
420
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276F
800
560
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276G
1000
700
1
150
3.0
2.0
30
1.2
1.3
2
40
SDA276
SDA276T
SDA276G
SDA276S


Similar Part No. - SDA276F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA276FF SSDI-SDA276FF Datasheet
203Kb / 2P
1AMP FAST RECOVERRY RECTIFIER BRIDGE ASSEMBLY
SDA276FM SSDI-SDA276FM Datasheet
226Kb / 2P
1.5 AMP BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA276F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800_17 Datasheet
223Kb / 2P
Single Phase Bridge Rectifier
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com