Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR3ASMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR3ASMS
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR3ASMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR3ASMS Datasheet HTML 1Page - Solid States Devices, Inc SDR3ASMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR3 __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Family A = 50 V
J = 600V
B = 100V
K = 800V
D = 200V
M = 1000V
G = 400V
N = 1200V
SDR3A and SDR3ASMS
thru
SDR3N and SDR3NSMS
3.0 AMPS
50 ─ 1200 VOLTS
50 – 80 nsec ULTRA FAST RECTIFIER
FEATURES:
•
Ultra Fast Recovery:
50-80 ns Max @ 25ºC 4/
85-125 ns Max @ 100ºC 4/
•
Single Chip Construction
•
PIV to 1200 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
For High Efficiency Applications
•
Available in Axial and Surface Mount Versions
•
Metallurgically Bonded
•
TX, TXV, and S-Level Screening Available 2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR3A and SDR3ASMS
SDR3B and SDR3BSMS
SDR3D and SDR3DSMS
SDR3G and SDR3GSMS
SDR3J and SDR3JSMS
SDR3K and SDR3KSMS
SDR3M and SDR3MSMS
SDR3N and SDR3NSMS
VRRM
VRWM
VR
50
100
200
400
600
800
1000
1200
Volts
Rectified Forward Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
3
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
75
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°
C
Thermal Resistance, Junction to Lead, L = 3/8”
Junction to End Tab
RθJL
RθJE
20
14
°
C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
5/ For information on operating curves, contact factory.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0013G
DOC


Similar Part No. - SDR3ASMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3ASMS SSDI-SDR3ASMS Datasheet
149Kb / 2P
3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR3ASMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com