Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED30KB45 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SED30KB45
Description  POWER SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED30KB45 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SED30KB45 Datasheet HTML 1Page - Solid States Devices, Inc SED30KB45 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0032B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SED30
___ ___ ___
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Voltage
45 = 45 V
Package
KB = Sedpack 2
KE = Sedpack 2 with Lead
SED30KB45
SED30KE45
30 AMPS
45 VOLTS
POWER SCHOTTKY DIODE
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• TX, TXV, and Space Level Screening
Available. Contact Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
0.80
oC/W
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
SEDPACK 2


Similar Part No. - SED30KB45

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45 Datasheet
153Kb / 2P
30 AMPS 45 VOLTS POWER SCHOTTKY DIODE
More results

Similar Description - SED30KB45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20200C STMICROELECTRONICS-STPS20200C Datasheet
422Kb / 15P
Power Schottky diode
16-Oct-2013
logo
Solid States Devices, I...
SH0034 SSDI-SH0034 Datasheet
153Kb / 2P
SCHOTTKY POWER DIODE
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
Power Schottky Diode
1N8028-GA GENESIC-1N8028-GA Datasheet
796Kb / 5P
Power Schottky Diode
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
Power Schottky Diode
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com