Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS2324 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFS2324
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS2324 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFS2324 Datasheet HTML 1Page - Solid States Devices, Inc SFS2324 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR004C
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Min
Typical
Max
Unit
Peak Reverse Blocking Current
(Rated VRRM, TC = 25
oC)
(Rated VRRM, TC = 125
oC)
IRRM
––
0.12
0.1
1
100
μA
Peak Forward Blocking Current
(Rated VRRM, TC = 25
oC)
(Rated VRRM, TC = 125
oC)
IDRM
––
0.14
1.0
1
100
μA
Peak On-State Voltage
(IF = 1.6 A Peak)
VTM
––
1.1
1.3
Volts
Gate Trigger Current
(VD = 6 VDC, RL = 100 Ω , TC = 25
oC)
(VD = 6 VDC, RL = 100 Ω, TC = -65
oC)
IGT
––
––
3.5
9.2
200
350
μA
Gate Trigger Voltage
(VD = 6 VDC, RL = 100 Ω , TC = 25
oC)
(VD = 6 VDC, RL = 100 Ω, TC = -65
oC)
(VD = 6 VDC, RL = 100 Ω , TC = 125
oC)
VGT
––
––
0.1
0.51
0.74
0.25
0.7
0.9
0.9
Volts
Holding Current
(VD = 6 VDC, RL = 100 Ω , TC = 25
oC)
(VD = 6 VDC, RL = 100 Ω, TC = -65
oC)
(VD = 6 VDC, RL = 100 Ω , TC = 125
oC)
IH
0.8
1.5
0.15
1.0
1.8
0.46
2.0
3.0
––
mA
NOTES:
* RGK current is not included in measurement
Case Outline: TO-5
Ø.335
.305
.260
.240
1.500
MIN
45°
Ø.210
.190
.034
.028
.045
.029
PIN 3
PIN 2
PIN 1
Ø.021
.016
Ø.370
.335
.125
.009
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFS2323 thru SFS2329
PIN 1: CATHODE
PIN 2: GATE
PIN 3: ANODE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com