Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS3029 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFS3029
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS3029 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFS3029 Datasheet HTML 1Page - Solid States Devices, Inc SFS3029 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR010A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SFS302x ___ ___
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage/Family
7 = 30V
8 = 60V
9 = 100V
SFS3027S.22 through
SFS3029S.22
0.5 AMP, 30 - 100 Volt
SILICON CONTROLLED
RECTIFIER
FEATURES:
Passivated planar construction
Low on-state voltage and fast switching
Hermetically Sealed surface mount power
package
Pulse current up to 30A
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS3027
SFS3028
SFS3029
VDRM
VRRM
30
60
100
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5.0 ms)
SFS3027
SFS3028
SFS3029
VRSM
50
100
200
Volts
RMS On-State Current,
(All Conduction Angles,
Tc= 100
oC)
IT (RMS)
0.5
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz )
ITSM
8
Amps
Peak Gate Power
PGM
0.1
Watts
Average Gate Current
IG(ave)
0.025
Amps
Peak Gate Current
IGM
0.25
Amps
Reverse Gate Current
IGR
0.003
Amps
Reverse Gate Voltage
VGM
5.0
Volts
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
Tstg
-65 to +200
oC
Thermal Resistance, Junction to Case
RθJC
15
oC/W
NOTES:
1/ For ordering information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
SMD.22


Similar Part No. - SFS3029

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFS3029 SSDI-SFS3029 Datasheet
142Kb / 2P
0.5 AMP, 30 - 100 Volt SILICON CONTROLLED RECTIFIER
More results

Similar Description - SFS3029

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com