Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS2329 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFS2329
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS2329 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFS2329 Datasheet HTML 1Page - Solid States Devices, Inc SFS2329 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR004C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SFS23 ___ ___
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage/Family
23 = 50V
24 =100V
26 = 200V
27 = 250V
28 = 300V
29 = 400V
SFS2323 thru SFS2329
1.6 AMP
SILICON CONTROLLED
RECTIFIER
50 ─ 400 VOLTS
FEATURES:
Low-Level Gate Characteristics
IGT = 200 μA (Max) @ 25
oC
Low Holding Current I
H = 1 mA (Max) @ 25oC
Anode Common to Case
Hermetically Sealed
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS2323
SFS2324
SFS2326
SFS2327
SFS2328
SFS2329
VDRM
VRRM
50
100
200
250
300
400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5.0 ms)
SFS2323
SFS2324
SFS2326
SFS2327
SFS2328
SFS2329
VRSM
75
150
300
350
400
500
Volts
RMS On-State Current
(All Conduction Angles)
IT (RMS)
1.6
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz, TC = 80
oC )
ITSM
15
Amps
Peak Gate Power
PGM
0.1
Watts
Average Gate Power
PG (AV)
0.01
Watts
Peak Gate Current
IGM
0.1
Amps
Peak Gate Voltage
VGM
6.0
Volts
Operating Junction Temperature Range
TJ
-65 to +125
oC
Storage Temperature Range
Tstg
-65 to +150
oC
Thermal Resistance, Junction to Case
RθJC
30
oC/W
NOTES:
1/ For ordering information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
TO-5


Similar Part No. - SFS2329

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFS2329 SSDI-SFS2329 Datasheet
112Kb / 2P
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
More results

Similar Description - SFS2329

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com