Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT2012 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT2012
Description  High Energy NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2012 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT2012 Datasheet HTML 1Page - Solid States Devices, Inc SFT2012 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT2010 thru SFT2014
Electrical Characteristics
Symbol
Min
Max
Units
Collector – Emitter Breakdown
Voltage *
(IC = 200 mA) SFT2010
SFT2012
SFT2014
BVCEO
100
120
140
––
Volts
Collector – Base Breakdown Voltage *
(IC = 100μA)
BVCBO
250
––
Volts
Emitter – Base Breakdown Voltage *
(IE = 100μA)
BVEBO
8
––
Volts
Collector Cutoff Current
(VCB = 250 V)
ICBO
––
10
μA
Emitter Cutoff Current
(VEB = 7 V)
IEBO
––
10
μA
DC Current Gain *
IC = 10 A, VCE = 2 V
IC = 100 A, VCE = 5 V
IC = 200 A, VCE = 5 V
hFE
40
30
5
––
––
––
Collector-Emitter Saturation Voltage *
(IC = 120 A, IB = 12 A)
(IC = 200 A, IB = 30 A)
VCE (SAT)
––
––
2.0
3.0
Volts
Base-Emitter Saturation Voltage *
(IC = 120 A, IB = 12 A)
VBE (SAT)
––
2.2
Volts
Current – Gain – Bandwidth Product
(IC = 1.0 A, VCE = 10 V,
f = 10MHz)
fT
30
––
Mhz
Output Capacitance
VCB = 10 V, IE = 0, f = 1.0MHz
Cob
––
1200
pF
RB SOA
IB = 1 A, RB1 = RB2 = 20 ohms
VBE(off) = 2.0 V, L = 1.0 mH
Es/b
800
––
mJ
FB SOA
VCE= 20 V, IC= 30 A
VCE= 100 V, IC= 0.75 A
Is/b
1
1
––
––
sec
On Time
t(on)
––
800
ns
Storage Time
ts
––
1500
ns
Fall Time
(VCC = 60 V, IC = 10 A,
IB1 = IB2 = 1.0 A)
tf
––
400
ns
1.197
1.177
Ø.875
MAX
2x
.063
.057
.675
.655
.525 MAX
.135 MAX
.440
.420
2x
.225
.205
.450
.250
2x .312 MIN
2x Ø
.165
.151
2x R.188 MAX
1
SEATING PLANE
2
1
NOTES:
THIS DIMENSION SHALL BE MEASURED
AT POINTS .050 - .055" BELOW THE
SEATING PLANE. WHEN GAGE IS NOT
USED, MEASUREMENT WILL BE MADE AT
SEATING PLANE.
THIS OUTLINE DOES NOT MEET THE
MINIMUM CRITERIA ESTABLISHED
BY JS-10 FOR REGISTRATION.
1
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-3 (/3)
Case
Pin 2
Pin 1
Available Part
Numbers:
SFT2010/3
SFT2012/3
SFT2014/3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0108A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com