Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX66000K Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX66000K
Description  ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66000K Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX66000K Datasheet HTML 1Page - Maxim Integrated Products MAX66000K Datasheet HTML 2Page - Maxim Integrated Products MAX66000K Datasheet HTML 3Page - Maxim Integrated Products MAX66000K Datasheet HTML 4Page - Maxim Integrated Products MAX66000K Datasheet HTML 5Page - Maxim Integrated Products MAX66000K Datasheet HTML 6Page - Maxim Integrated Products MAX66000K Datasheet HTML 7Page - Maxim Integrated Products MAX66000K Datasheet HTML 8Page - Maxim Integrated Products MAX66000K Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISO/IEC 14443 Type B-Compliant
64-Bit UID
2
_______________________________________________________________________________________
Detailed Description
The MAX66000 combines a 64-bit UID and a
13.56MHz RF interface (ISO/IEC 14443 Type B, Parts
2-4) in a single chip. The UID can be read through the
ISO/IEC 14443-4 block transmission protocol, where
requests and responses are exchanged through I-
blocks once a device is in the ACTIVE state. The read-
er must support a frame size of at least 19 bytes. The
data rate can be as high as 847.5kbps. The MAX66000
supports AFI and CID. ISO 14443 functions not sup-
ported are chaining, frame-waiting time extension, and
power indication. Applications of the MAX66000
include driver identification (fleet application), access
control, and asset tracking.
Overview
Figure 1 shows the relationships between the major
control and memory sections of the MAX66000.
Figure 2 shows the hierarchical structure of the ISO/IEC
14443 Type B-compliant access protocol. The master
must first apply network function commands to put the
MAX66000 into the ACTIVE state to read the UID or
system information. The protocol required for these net-
work function commands is described in the
Network
Function Commands section. Once the MAX66000 is in
the ACTIVE state, the master can use the memory func-
tion commands. Upon completion of such a command,
the MAX66000 returns to the ACTIVE state and the
master can issue another memory function command or
deselect the device, which returns it to the HALT state.
The protocol for these commands is described in the
Memory Commands section. All data is read and writ-
ten least significant bit (LSb) first, starting with the least
significant byte (LSB).
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -25°C to +50°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: System requirement.
Note 2: Measured from the time at which the incident field is present with strength greater than or equal to H(MIN) to the time at
which the MAX66000’s internal power-on reset signal is deasserted and the device is ready to receive a command frame.
Not characterized or production tested; guaranteed by simulation only.
Maximum Incident Magnetic Field Strength ..........141.5dBµA/m
Operating Temperature Range ...........................-25°C to +50°C
Relative Humidity ..............................................(Water Resistant)
Storage Temperature Range ...............................-25°C to +50°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF INTERFACE
Carrier Frequency
fC
(Note 1)
13.553
13.560
13.567
MHz
At +25°C, MAX66000E
111.0
137.5
Operating Magnetic Field Strength
(Note 1)
H
At +25°C, MAX66000K
123.5
137.5
dBμA/m
Power-Up Time
tPOR
(Note 2)
1.0
ms
RF
FRONT-
END
VOLTAGE
REGULATOR
INTERNALSUPPLY
UID, AFI,
APPLICATION
DATA FIELD
ISO 14443
FRAME
FORMATTING
AND
ERROR
DETECTION
fc
DATA
MODULATION
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com