Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS16
Description  Silicon Switching Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS16_09 Datasheet HTML 1Page - Infineon Technologies AG BAS16_09 Datasheet HTML 2Page - Infineon Technologies AG BAS16_09 Datasheet HTML 3Page - Infineon Technologies AG BAS16_09 Datasheet HTML 4Page - Infineon Technologies AG BAS16_09 Datasheet HTML 5Page - Infineon Technologies AG BAS16_09 Datasheet HTML 6Page - Infineon Technologies AG BAS16_09 Datasheet HTML 7Page - Infineon Technologies AG BAS16_09 Datasheet HTML 8Page - Infineon Technologies AG BAS16_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2009-09-28
2
BAS16...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage
VRM
85
Forward current
BAS16
BAS16-02L, -07L4
BAS16-02V, -02W
BAS16-03W
BAS16S
BAS16U
BAS16W
IF
250
200
200
250
200
200
250
mA
Non-repetitive peak surge forward current
t = 1 µs, BAS16/ S/ U/ W/ -03W
t = 1 µs, BAS16-02L/ -02V/ -02W/ -07L4
t = 1 s
IFSM
4.5
2.5
0.5
A
Total power dissipation
BAS16, TS ≤ 54 °C
BAS16-02L, -07L4, TS ≤ 130 °C
BAS16-02V, -02W, TS ≤ 120 °C
BAS16-03W, TS ≤ 116 °C
BAS16S, TS ≤ 85 °C
BAS16U, TS ≤ 113 °C
BAS16W, TS ≤ 119 °C
Ptot
370
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ...150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com