Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX66040E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX66040E
Description  ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66040E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX66040E Datasheet HTML 1Page - Maxim Integrated Products MAX66040E Datasheet HTML 2Page - Maxim Integrated Products MAX66040E Datasheet HTML 3Page - Maxim Integrated Products MAX66040E Datasheet HTML 4Page - Maxim Integrated Products MAX66040E Datasheet HTML 5Page - Maxim Integrated Products MAX66040E Datasheet HTML 6Page - Maxim Integrated Products MAX66040E Datasheet HTML 7Page - Maxim Integrated Products MAX66040E Datasheet HTML 8Page - Maxim Integrated Products MAX66040E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISO/IEC 14443 Type B-Compliant
Secure Memory
2
_______________________________________________________________________________________
ABRIDGED DATA SHEET
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -25°C to +50°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: System requirement.
Note 2: Measured from the time at which the incident field is present with strength greater than or equal to H(MIN) to the time at
which the MAX66040’s internal power-on reset signal is deasserted and the device is ready to receive a command frame.
Not characterized or production tested; guaranteed by simulation only.
Maximum Incident Magnetic Field Strength ..........141.5dBµA/m
Operating Temperature Range ...........................-25°C to +50°C
Relative Humidity ..............................................(Water Resistant)
Storage Temperature Range ...............................-25°C to +50°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHA-1 ENGINE
SHA-1 Computation Time
tCSHA
Refer to the full data sheet.
ms
EEPROM
Programming Time
tPROG
9
10
ms
Endurance
NCYCLE
At +25°C
200,000
cycles
Data Retention
tRET
40
years
RF INTERFACE
Carrier Frequency
fC
(Note 1)
13.553
13.560
13.567
MHz
At +25°C, MAX66040E
110.0
137.5
Operating Magnetic Field Strength
(Note 1)
H
At +25°C, MAX66040K
123.5
137.5
dBμA/m
Power-Up Time
tPOR
(Note 2)
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com