Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX66100K Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX66100K
Description  ISO 15693-Compliant 64-Bit UID Powered Entirely Through the RF Field
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66100K Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX66100K Datasheet HTML 1Page - Maxim Integrated Products MAX66100K Datasheet HTML 2Page - Maxim Integrated Products MAX66100K Datasheet HTML 3Page - Maxim Integrated Products MAX66100K Datasheet HTML 4Page - Maxim Integrated Products MAX66100K Datasheet HTML 5Page - Maxim Integrated Products MAX66100K Datasheet HTML 6Page - Maxim Integrated Products MAX66100K Datasheet HTML 7Page - Maxim Integrated Products MAX66100K Datasheet HTML 8Page - Maxim Integrated Products MAX66100K Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Detailed Description
The MAX66100 contains a 64-bit unique identifier (UID)
and a 13.56MHz ISO 15693 RF interface in a single
chip. The UID is accessed through standard ISO
15693 function commands. The data rate can be as
high as 26.69kbps. The MAX66100 supports AFI and
DSFID. Applications of the MAX66100 include driver
identification (fleet application), access control, and
asset tracking.
Overview
Figure 1 shows the relationships between the major
control and memory sections of the MAX66100.
Figure 2 shows the applicable ISO 15693 commands
and their purpose. The network function commands
allow the master to identify all slaves in its range and to
change their state, e.g., to select one for further com-
munication. The protocol for these is described in the
Network Function Commands section. All data is read
and written least significant bit (LSb) first, starting with
the least significant byte (LSB).
Parasite Power
As a wireless device, the MAX66100 is not connected to
any power source. It gets the energy for operation from
the surrounding RF field, which must have a minimum
strength as specified in the
Electrical Characteristics
table.
Unique Identification Number (UID)
Each MAX66100 contains a factory-programmed and
locked identification number that is 64 bits long
(Figure 3). The lower 36 bits are the serial number of the
chip. The next 8 bits store the device feature code, which
is 01h. Bits 45 to 48 are 0h. The code in bit locations 49 to
56 identifies the chip manufacturer, according to ISO/IEC
7816-6/AM1. This code is 2Bh for Maxim. The code in the
upper 8 bits is E0h. The UID is read accessible through
the Inventory and Get System Information commands.
ISO 15693-Compliant 64-Bit UID
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -25°C to +50°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: System requirement.
Note 2: Production tested at 13.56MHz only.
Note 3: Guaranteed by simulation; not production tested.
Note 4: Measured from the time at which the incident field is present with strength greater than or equal to H(MIN) to the time at
which the MAX66100’s internal power-on reset signal is deasserted and the device is ready to receive a command frame.
Not characterized or production tested; guaranteed by simulation only.
Maximum Incident Magnetic Field Strength ..........141.5dBµA/m
Operating Temperature Range ...........................-25°C to +50°C
Relative Humidity ..............................................(Water Resistant)
Storage Temperature Range ...............................-25°C to +50°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF INTERFACE
Carrier Frequency
fC
(Notes 1, 2)
13.553
13.560
13.567
MHz
At 25°C, MAX66100E
110.5
Activation Field Strength
(Note 3)
HMIN
At 25°C, MAX66100K
122.0
dBμA/m
Maximum Field Strength
HMAX
At 25°C (Note 3)
137.5
dBμA/m
Power-Up Time
tPOR
(Notes 3, 4)
1.0
ms
RF
FRONT-
END
VOLTAGE
REGULATOR
INTERNAL SUPPLY
UID, AFI, DSFID
ISO 15693
FRAME
FORMATTING
AND
ERROR
DETECTION
fc
DATA
MODULATION
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com