Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM140F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHM140F
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM140F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHM140F Datasheet HTML 1Page - Solid States Devices, Inc SHM140F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0011C
DOC
DIMENSIONS: SHM15-50
DIM
MIN
MAX
A
---
.140”
B
---
.300”
C
.025”
.033”
D
1.00”
---
PACKAGE OUTLINE: Axial
B
ØC
ØA
D
D
DIMENSIONS: SHM60-140
DIM
MIN
MAX
A
---
.140”
B
---
.400”
C
.025”
.033”
D
1.00”
---
DIMENSIONS: SHM15-50
DIM
MIN
MAX
A
.127”
.140”
B
.280”
.320”
C
.022”
.028”
D
.002”
---
PACKAGE OUTLINE: Surface Mount Square Tab
DIMENSIONS: SHM60-140
DIM
MIN
MAX
A
.127”
.140”
B
.360”
.450”
C
.022”
.028”
D
.002”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHM15F-SHM140F
and
SHM15FSMS – SHM40FSMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com