Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD4943 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD4943
Description  Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD4943 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD4943 Datasheet HTML 1Page - Solid States Devices, Inc SPD4943 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0013E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD4942 Thru SPD4948
Series
Electrical Characteristics
Symbol
Value
Units
Instantaneous Forward Voltage Drop
(
IF =1Adc, TA = 25 ºC, 300μs Pulse)
VF
1.3
VDC
Instantaneous Forward Voltage Drop
(
IF =1Adc, TA = -55 ºC, 300μs Pulse)
VF
1.5
VDC
Reverse Leakage Current
(Rated VR, TA = 25 ºC , 300μs minimum pulse)
IR
1.0
μA
Reverse Leakage Current
(Rated VR, TA = 100 ºC , 300μs minimum pulse)
IR
20
μA
Reverse Recovery Time
(I
F = 500 mA, IR = 1 Amp, IRR = 250 mA, TA = 25 ºC)
SPD4942-SPD4945
SPD4946-SPD4948
tRR
150
200
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
20
pF
CASE OUTLINE:
Axial
CASE OUTLINE:
Surface Mount Round Tab
CASE OUTLINE:
Surface Mount Square Tab
Dimensions
DIM
MIN
MAX
A
.100”
.150”
B
---
.180”
C
.027”
.033”
D
1.00”
---
Dimensions
DIM
MIN
MAX
A
.095”
.105”
B
.185”
.205”
C
.015”
.035”
Dimensions
DIM
MIN
MAX
A
.134”
.153”
B
.200”
.280”
C
.022”
.028”
D
.002”
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com