Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5711 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5711
Description  SCHOTTKY SMALL SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5711 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5711 Datasheet HTML 1Page - Solid States Devices, Inc SPD5711 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0008E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5711
and
SPD5712
SPD5711
SPD5712
Electrical Characteristics
3/
Symbol
Min
Max
Min
Max
Units
Blocking Reverse Voltage
(IR = 10 μA, TA = 25°C, 300 – 500 μs Pulse)
VBR
70
––
20
––
VDC
Instantaneous Forward Voltage Drop
(TA = 25°C, 300 – 500 μs Pulse)
IF = 1 mADC
IF = 15 mADC
IF = 35 mADC
VF1
VF2
VF3
––
––
––
0.41
1.0
––
––
––
––
0.41
––
1.0
VDC
Instantaneous Forward Voltage Drop
(TA = -55 ºC, 300 – 500 μs Pulse)
IF = 1 mADC
IF = 15 mADC
IF = 35 mADC
VF4
VF5
VF6
––
––
––
0.55
1.0
––
––
––
––
0.55
––
1.0
VDC
Reverse Leakage Current
(TA = 25 ºC, 300 μs Minimum Pulse)
IR1
––
200
––
150
nA
Reverse Leakage Current
(TA = 100 ºC, VR = Rated, 300 μs Minimum Pulse)
SPD5711: Vr = 50V
SPD5712: Vr = 16V
IR2
––
200
––
150
μA
Junction Capacitance
(VR = 0 VDC, VSIG = 50 mVPK, TA = 25ºC, f = 1MHz)
CJ
––
2.0
––
2.0
pF
DIMENSIONS
DIM
MIN.
MAX.
A
0.068” 0.076”
B
0.150” 0.170”
C
1.00”
1.50”
Axial Case Outline:
Note: Lead Diameter is not controlled within 0.050” of the diode body.
D
0.014” 0.022”
DIMENSIONS
DIM
MIN.
MAX.
A
0.080”
0.095
”
B
0.205”
0.220
”
C
0.22”
0.28”
Square Tab Surface Mount (SMS) Case Outline:
D
0.001”
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com