Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5621 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5621
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5621 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5621 Datasheet HTML 1Page - Solid States Devices, Inc SPD5621 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0104C
DOC
ELECTRICAL CHARACTERISTICS 3/ 5/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Maximum Instantaneous Forward Voltage Drop
(IF = 3Adc, 300- 500 μs Pulse, TA = 25°C)
VF
1.60
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
IR1
.5
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
IR2
25
μA
Junction Capacitance
(VR = 12Vdc, TA = 25°C , f = 1MHz)
SPD5615
SPD5617
SPD5619
SPD5621
SPD5623
CJ
45
35
25
20
15
pf
Maximum Reverse Recovery Time 4/
SPD5615
SPD5617
SPD5619
SPD5621
SPD5623
trr
150
150
250
300
500
ns
Axial Leaded Case Outline:
DIMENSIONS
Square Tab Surface Mount Case
Outline:
DIMENSIONS
DIM. MIN. MAX.
DIM. MIN. MAX.
A
---
.150”
A
.128” .132”
B
.140
.190”
B
.190” .240”
C
.027” .033”
C
.022” .028”
D
.95”
---
D
.001”
---
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
5/ For information on operating curves, contact factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5615 thru SPD5623
and
SPD5615SMS thru SPD5623SMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com