Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP405 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP405
Description  NPN Silicon RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP405 Datasheet HTML 1Page - Infineon Technologies AG BFP405 Datasheet HTML 2Page - Infineon Technologies AG BFP405 Datasheet HTML 3Page - Infineon Technologies AG BFP405 Datasheet HTML 4Page - Infineon Technologies AG BFP405 Datasheet HTML 5Page - Infineon Technologies AG BFP405 Datasheet HTML 6Page - Infineon Technologies AG BFP405 Datasheet HTML 7Page - Infineon Technologies AG BFP405 Datasheet HTML 8Page - Infineon Technologies AG BFP405 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2009-11-06
BFP405
5
Total power dissipation Ptot = ƒ(TS)
0
20
40
60
80
100
120 °C
150
Ts
0
10
20
30
40
50
60
70
80
mW
100
Permissible Pulse Load RthJS = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Collector-base capacitance Ccb= ƒ(VCB)
f = 1MHz
0
0.5
1
1.5
2
2.5
3
V
4
VCB
0
0.05
0.1
0.15
0.2
pF
0.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com