Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP460 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP460
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP460 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP460 Datasheet HTML 1Page - Infineon Technologies AG BFP460 Datasheet HTML 2Page - Infineon Technologies AG BFP460 Datasheet HTML 3Page - Infineon Technologies AG BFP460 Datasheet HTML 4Page - Infineon Technologies AG BFP460 Datasheet HTML 5Page - Infineon Technologies AG BFP460 Datasheet HTML 6Page - Infineon Technologies AG BFP460 Datasheet HTML 7Page - Infineon Technologies AG BFP460 Datasheet HTML 8Page - Infineon Technologies AG BFP460 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2010-05-17
BFP460
5
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 A
150
0
20
40
60
80
100
120
140
160
180
200
220
V
260
Collector-base capacitance Ccb= ƒ(VCB)
f = 1MHz
0
2
4
6
8
10
V
14
VCB
0
0.1
0.2
0.3
0.4
0.5
pF
0.7
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS=ZL=50Ω)
VCE = parameter, f = 1800MHz
0
10
20
30
40
mA
55
IC
5
7
9
11
13
15
17
19
21
23
25
27
29
dBm
33
1V
2V
3V
4V
Transition frequency fT= ƒ(IC)
f = 1 GHz
VCE = parameter
0
10
20
30
40
mA
60
IC
4
6
8
10
12
14
16
18
20
GHz
24
3-4V
2V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com