Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP740ESD Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BFP740ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740ESD Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BFP740ESD Datasheet HTML 17Page - Infineon Technologies AG BFP740ESD Datasheet HTML 18Page - Infineon Technologies AG BFP740ESD Datasheet HTML 19Page - Infineon Technologies AG BFP740ESD Datasheet HTML 20Page - Infineon Technologies AG BFP740ESD Datasheet HTML 21Page - Infineon Technologies AG BFP740ESD Datasheet HTML 22Page - Infineon Technologies AG BFP740ESD Datasheet HTML 23Page - Infineon Technologies AG BFP740ESD Datasheet HTML 24Page - Infineon Technologies AG BFP740ESD Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
BFP740ESD
Electrical Characteristics
Data Sheet
21
Revision 1.0, 2010-06-29
5.5
Characteristic AC Diagrams
Figure 8
Transition Frequency
f
T = f (IC), f = 2 GHz, VCE = Parameter
Figure 9
3rd Order Intercept Point
OIP
3 = f (IC), ZS = ZL= 50 Ω, VCE, f = Parameters
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
45
50
I
C
[mA]
3 to 4V
2.5V
2V
1V
0
5
10
15
20
25
30
35
−5
0
5
10
15
20
25
30
I
C
[mA]
2V, 2.4GHz
3V, 2.4GHz
2V, 5.5GHz
3V, 5.5GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com