Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD6623 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD6623
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6623 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD6623 Datasheet HTML 1Page - Solid States Devices, Inc SPD6623 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0102F
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
SPD6620 thru SPD6622 @ 1.2A
SPD6623 and SPD6624 @ 1.0A
SPD6625 @ 1.0A
VF1
1.40
1.55
1.75
Instantaneous Forward Voltage Drop
(300 μs Pulse, TA = 25°C)
SPD6620 thru SPD6622 @ 2.0A
SPD6623 and SPD6624 @ 1.5A
SPD6625 @ 1.5A
VF2
1.60
1.80
1.95
Vdc
Instantaneous Forward Voltage Drop
(300 μs Pulse, TA = -55°C)
SPD6620 thru SPD6622 @ 2.0A
SPD6623 and SPD6624 @ 1.5A
SPD6625 @ 1.5A
VF3
1.80
2.00
2.20
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
SPD6620 Thru SPD6624
SPD6625
IR1
2.0
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
SPD6620 Thru SPD6624
SPD6625
IR2
150
200
μA
Junction Capacitance
(VR = 10Vdc, TA = 25°C , f = 1MHz)
SPD6620 thru SPD6622
SPD6623 and SPD6624
SPD6625
CJ
24
17
13
pf
Maximum Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA)
SPD6620 thru SPD6622
SPD6623 and SPD6624
SPD6625
trr
30
50
60
ns
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
SPD6620 -
SPD6622
SPD6623 -
SPD6624
SPD6625
DIM. SPD6620SMS -
SPD6622SMS
SPD6623SMS -
SPD6624SMS
SPD6625SM
S
A
.100/.128
.100/.120
.115/.128
A
.128/.132
.128/.132
.128/.132
B
.140/.190
.140/.165
.140/.165
B
.190/.240
.190/.230
.190/.230
C
.027/.032
.027/.032
.028 /.033
C
.023/.027
.023/.027
.023/.027
D
1.0 Min
1.0 min
1.0 min
D
.001 min
.001 min
.001 min
AXIAL 5/
Surface Mount Square Tab(SMS) 5/
Surface Mount Round Tab (SM)6/
DIMENSIONS (inches)
SPD6620SM – SPD6622SM
DIM.
MIN.
MAX.
A
.095”
.105”
B
.190”
.210”
C
.010”
.030”
D
---
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD6620 thru SPD6625
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com