Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC024NE2LS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSC024NE2LS
Description  n-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC024NE2LS Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSC024NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC024NE2LS
Electrical characteristics
Final Data Sheet
4
2.0, 2011-03-01
Table 6
Gate charge characteristics
1)
1) See figure 16 for gate charge parameter definition
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Gate to source charge
Q
gs
-4.4
-
nC
V
DD=12 V,
I
D=30 A,
V
GS=0 to 4.5 V
Gate charge at threshold
Q
g(th)
-2.7
-
Gate to drain charge
Q
gd
-2.6
-
Switching charge
Q
sw
-4.3
-
Gate charge total
Q
g
-11
-
Gate plateau voltage
V
plateau
-2.6
-
V
Gate charge total
Q
g
-23
-
nC
V
DD=12 V,
I
D=30 A,
V
GS=0 to 10V
Gate charge total, sync. FET
Q
g(sync)
-10
-
V
DS=0.1 V,
V
GS=0 to 4.5 V
Output charge
Q
oss
-13
-
V
DD=12 V, VGS=0 V
Table 7
Reverse diode characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Diode continuous forward current
I
s
--
48
A
T
C=25 °C
Diode pulse current
I
S,pulse
--
192
Diode forward voltage
V
SD
-0.85
1
V
V
GS=0 V, IF=30 A,
T
j=25 °C
Reverse recovery charge
Q
rr
-15
-
nC
V
R=15 V, IF=Is,
d
I
F/dt=400 A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com