Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3958 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3958
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3958 Datasheet HTML 17Page - Linear Technology LT3958 Datasheet HTML 18Page - Linear Technology LT3958 Datasheet HTML 19Page - Linear Technology LT3958 Datasheet HTML 20Page - Linear Technology LT3958 Datasheet HTML 21Page - Linear Technology LT3958 Datasheet HTML 22Page - Linear Technology LT3958 Datasheet HTML 23Page - Linear Technology LT3958 Datasheet HTML 24Page - Linear Technology LT3958 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3511
21
3511fa
Typical applicaTions
24V to 5V Isolated Flyback Converter
48V to 24V Isolated Flyback Converter
3511 TA04
R5
200k
VIN
36V TO 72V
VOUT+
24V
65mA
VOUT–
1:1
D1
R1
1M
R2
43.2k
C1
1µF
C4
4.7µF
T1
300µH
300µH
R4
10k
R3
187k
R6
33.2k
C2
3.3nF
C3
4.7µF
D2
Z1
EN/UVLO
TC
VC
GND BIAS
LT3511
VIN
SW
RFB
RREF
C1: TAIYO YUDEN HMK316B7105KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM32ER71H475KA88B
D1: DIODES INC. SBR1U150SA
D2: DIODES INC. BAV19W
T1: WÜRTH 750311659
Z1: ON SEMI MMSZ5266BT1G
3511 TA05
R5
73.2k
VIN
20V TO 30V
VOUT+
5V
0.25A
VOUT–
6:1
D1
R1
1M
R2
80.6k
C1
4.7µF
C4
22µF
T1
300µH
8µH
R4
10k
R3
249k
R6
9.31k
C2
15nF
C3
4.7µF
D2
Z1
EN/UVLO
TC
VC
GND
BIAS
LT3511
VIN
SW
RFB
RREF
C1: MURATA GRM31CR71H475KA12B
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM32ER71C226KE18B
D1: DIODES INC. SBR2A30P1
D2: DIODES INC. BAV19W
T1: SUMIDA 10396-T026
Z1: ON SEMI MMSZ5270BT1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com