Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3492 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3492
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3492 Datasheet HTML 16Page - Linear Technology LT3492 Datasheet HTML 17Page - Linear Technology LT3492 Datasheet HTML 18Page - Linear Technology LT3492 Datasheet HTML 19Page - Linear Technology LT3492 Datasheet HTML 20Page - Linear Technology LT3492 Datasheet HTML 21Page - Linear Technology LT3492 Datasheet HTML 22Page - Linear Technology LT3492 Datasheet HTML 23Page - Linear Technology LT3492 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3597
21
3597f
TYPICAL APPLICATIONS
24V 200kHz Triple Step-Down 100mA RGB LED Driver
Efficiency
3597 TA04
LT3597
VIN
EN/UVLO
BOOST1
SW1
DA1
FB1
VOUT1
LED1
BIAS
FAULT
PWM1-3
CTRL1-3
SYNC
RT
BOOST2
SW2
DA2
FB2
VOUT2
LED2
BOOST3
SW3
DA3
FB3
VOUT3
LED3
VREF
TSET
CTRLM
LT3597
9.1k
100k
97k
15µF
0.22µF
10µF
470µH
0.22µF
15µF
470µH
9.1k
97k
0.22µF
15µF
470µH
9.1k
97k
VREF
10µF
220k
ISET1
ISET2
ISET3
GND
20k
20k
20k
VIN
24V
VOUT1
VOUT2
VOUT3
3
3
G
B
R
LED CURRENT PER CHANNEL (mA)
0 10
90
80
70
50
60
40
20
30
10
0
60
50
80
70
40
30
20
3597 TA04b
100
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com