Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3496 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3496
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3597
13
3597f
APPLICATIONS INFORMATION
Figure 4. LED Current vs CTRL1-3 Voltage
Figure 5. LED Current Using PWM Dimming
CTRL1-3 (V)
0
120
100
80
40
60
20
0
0.25
1.25
1
0.75
3597 F04
1.5
0.5
LED Current Dimming
Two different types of dimming control are available with
the LT3597. The LED current can be dimmed using the
CTRL1-3 pin or the PWM1-3 pin.
For some applications, a variable DC voltage that adjusts
the LED current is the preferred method for brightness
control. In that case, the CTRL1-3 pin can be modulated
to set the LED dimming (see Figure 4). As the CTRL1-3 pin
voltage rises from 0V to 1.0V, the LED current increases
from 0mA to the maximum programmed LED current in a
linear fashion. As the CTRL1-3 pin continues to increase
past 1.0V, the maximum programmed LED current is
maintained. If this type of dimming control is not desired,
the CTRL1-3 pin can be tied to VREF.
For True Color PWM dimming, the LT3597 provides up to
10,000:1 PWM dimming range at 100Hz. This is achieved
byallowingthedutycycleofthePWM1-3pintobereduced
from 100% to 0.01% for a PWM frequency of 100Hz (see
Figure 5), hence a minimum on-time of 1µs and a maxi-
mum period of 100ms. PWM duty cycle dimming allows
for constant LED color to be maintained over the entire
dimming range.
Using the TSET Pin for Thermal Protection
The LT3597 contains a special programmable thermal
regulation loop that limits the internal junction tempera-
ture. This thermal regulation feature provides important
protection at high ambient temperatures, and allows a
given application to be optimized for typical, not worst-
case, ambient temperatures with the assurance that the
LT3597willautomaticallyprotectitselfandtheLEDstrings
under worst-case conditions.
Astheambienttemperatureincreases,sodoestheinternal
junction temperature of the part. Once the programmed
maximum junction temperature is reached, the LT3597
linearly reduces the LED current, as needed, to maintain
this junction temperature. This can only be achieved when
the ambient temperature stays below the maximum pro-
grammedjunctiontemperature.Iftheambienttemperature
continues to rise above the programmed maximum junc-
tion temperature, the LED current will reduce to less than
20% of the full current.
AresistordividerfromtheVREFpinprogramsthemaximum
part junction temperature as shown in Figure 6.
LED1-3
CURRENT
PWM1-3
3597 F06
tPWM
tON(PWM)
MAX ILED
Figure 6. Programming the TSET Pin
LT3597
3597 F07
TSET
R2
R1
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com