Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3754 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3754
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3754 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3754 Datasheet HTML 15Page - Linear Technology LT3754 Datasheet HTML 16Page - Linear Technology LT3754 Datasheet HTML 17Page - Linear Technology LT3754 Datasheet HTML 18Page - Linear Technology LT3754 Datasheet HTML 19Page - Linear Technology LT3754 Datasheet HTML 20Page - Linear Technology LT3754 Datasheet HTML 21Page - Linear Technology LT3754 Datasheet HTML 22Page - Linear Technology LT3754 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3597
19
3597f
TYPICAL APPLICATIONS
48V 1MHz Triple Step-Down 100mA RGB LED Driver
Efficiency
3597 TA02
LT3597
VIN
EN/UVLO
BOOST1
SW1
DA1
FB1
VOUT1
LED1
BIAS
FAULT
PWM1-3
CTRL1-3
SYNC
RT
BOOST2
SW2
DA2
FB2
VOUT2
LED2
BOOST3
SW3
DA3
FB3
VOUT3
LED3
VREF
TSET
CTRLM
LT3597
9.1k
100k
97k
91k
270k
3.3µF
0.1µF
10µF
100µH
0.1µF
2.2µF
100µH
4.7k
97k
0.1µF
2.2µF
100µH
3.83k
97k
100k
10k
82.5k
VREF
49.9k
10µF
VCC
5V
VIN
48V
VOUT1
33.2k
ISET1
ISET2
ISET3
GND
20k
20k
20k
VOUT2
VOUT3
(1MHz)
3
3
R
B
G
LED CURRENT PER CHANNEL (mA)
0 10
90
80
70
50
60
40
20
30
10
0
60
50
80
70
40
30
20
3597 TA02b
100
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com