Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3645 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3645
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3645 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3645 Datasheet HTML 15Page - Linear Technology LT3645 Datasheet HTML 16Page - Linear Technology LT3645 Datasheet HTML 17Page - Linear Technology LT3645 Datasheet HTML 18Page - Linear Technology LT3645 Datasheet HTML 19Page - Linear Technology LT3645 Datasheet HTML 20Page - Linear Technology LT3645 Datasheet HTML 21Page - Linear Technology LT3645 Datasheet HTML 22Page - Linear Technology LT3645 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3645
19
3645f
1μF
3645 TA02
PGOOD
12V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
5V
300mA
3.3V
200mA
15μH
MBRM140
52.3k
31.6k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
ON OFF
1μF
3645 TA03
PGOOD
12V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
3.3V
300mA
1.8V
200mA
10μH
MBRM140
31.6k
12.4k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
ON OFF
TYPICAL APPLICATIONS
5V Step-Down Converter with 3.3V Logic Rail
3.3V Step-Down Converter with 1.8V Logic Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com