Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP77 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP77
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP77 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP77 Datasheet HTML 1Page - Infineon Technologies AG BSP77 Datasheet HTML 2Page - Infineon Technologies AG BSP77 Datasheet HTML 3Page - Infineon Technologies AG BSP77 Datasheet HTML 4Page - Infineon Technologies AG BSP77 Datasheet HTML 5Page - Infineon Technologies AG BSP77 Datasheet HTML 6Page - Infineon Technologies AG BSP77 Datasheet HTML 7Page - Infineon Technologies AG BSP77 Datasheet HTML 8Page - Infineon Technologies AG BSP77 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
42
V
Supply voltage for full short circuit protection
Vbb(SC)
42
Continuous input voltage1)
VIN
-0.22) ... +10
Continuous input current2)
-0.2V
£ VIN £ 10V
VIN < -0.2V or VIN > 10V
IIN
self limited
|
IIN | £ 2
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation 5)
TC = 85 °C
Ptot
3.8
W
Unclamped single pulse inductive energy 2)
EAS
250
mJ
Load dump protection
VLoadDump2)3) = VA + VS
VIN = 0 and 10 V, td = 400 ms, RI = 2 W,
RL = 6 W, VA = 13.5 V
VLD
50
V
Electrostatic discharge voltage2) (Human Body Model)
according to Jedec norm
EIA/JESD22-A114-B, Section 4
VESD
2
kV
Thermal resistance
junction - ambient:
@ min. footprint
@ 6 cm2 cooling area 4)
RthJA
125
72
K/W
junction-soldering point:
RthJS
17
K/W
1For input voltages beyond these limits I
IN has to be limited.
2not subject to production test, specified by design
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB mounted vertical without blown air.
5not subject to production test, calculated by R
thJA and Rds(on)
Datasheet
2
Rev. 1.3, 2008-04-14
Smart Low Side Power Switch
HITFET BSP 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com