Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3550SB Datasheet(PDF) 1 Page - Micross Components

Part # LS3550SB
Description  Linear Systems PNP Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS3550SB Datasheet(HTML) 1 Page - Micross Components

  LS3550SB Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
3 LEAD TO‐92 PACKAGE 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
TBD 
Maximum Currents 
Collector Current 
10mA 
Maximum Voltages 
Collector to Collector Voltage 
80V 
  
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage ‐40 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage ‐40 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage ‐6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage ‐80 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
 
hFE 
 
DC Current Gain 
100 
‐‐ 
‐‐ 
 
IC = ‐1mA, VCE = ‐5V 
80 
‐‐ 
‐‐ 
 
IC = ‐10mA, VCE = ‐5V 
80 
‐‐ 
‐‐ 
 
IC = ‐100mA, VCE = ‐5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
‐0.25 
V 
IC = ‐100mA, IB = ‐10mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
‐0.2 
nA 
IE = 0, VCB = ‐3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
‐0.2 
nA 
IE = 0, VCB = ‐30V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VCB = ‐10V 
fT 
Current Gain Bandwidth 
Product(Current) 
‐‐ 
‐‐ 
600 
MHz 
IC = ‐1mA, VCE = ‐5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = ‐100µA,  VCE = ‐5V, BW=200Hz, RG= 10Ω,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS3550SB
PNP TRANSISTOR
LS3550SB Features:
Low Output Capacitance
The LS3550SB is a PNP transistor mounted in a TO-92
package.
The TO-92 provides ease of manufacturing.
(See Packaging Information).
Linear Systems PNP Transistor
Available Packages:
LS3550SB in TO-92
LS3550SB available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
T0-92 (Bottom View)
C
B
E


Similar Part No. - LS3550SB

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3550SB MICROSS-LS3550SB Datasheet
277Kb / 1P
Linear Systems PNP Transistor
LS3550SB_SOT-23 MICROSS-LS3550SB_SOT-23 Datasheet
277Kb / 1P
Linear Systems PNP Transistor
More results

Similar Description - LS3550SB

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3550B_TO-78 MICROSS-LS3550B_TO-78 Datasheet
308Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_PDIP MICROSS-LS3550C_PDIP Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550C_TO-71 MICROSS-LS3550C_TO-71 Datasheet
285Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550SA_SOT-23 MICROSS-LS3550SA_SOT-23 Datasheet
277Kb / 1P
Linear Systems PNP Transistor
LS3550SA_TO-92 MICROSS-LS3550SA_TO-92 Datasheet
267Kb / 1P
Linear Systems PNP Transistor
LS3550SB_SOT-23 MICROSS-LS3550SB_SOT-23 Datasheet
277Kb / 1P
Linear Systems PNP Transistor
LS3550SC_SOT-23 MICROSS-LS3550SC_SOT-23 Datasheet
277Kb / 1P
Linear Systems PNP Transistor
LS3550SC_TO-92 MICROSS-LS3550SC_TO-92 Datasheet
267Kb / 1P
Linear Systems PNP Transistor
LS351 MICROSS-LS351 Datasheet
276Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
LS3550B MICROSS-LS3550B Datasheet
277Kb / 1P
Linear Systems Monolithic Dual PNP Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com