Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4449
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC1154
14
1154fb
12V Step-Up Regulator with Ultralow Standby Current,
Overcurrent Protection and Status Feedback
12V Step-Up Regulator with 1A Overcurrent Protection,
Switch Status Feedback and Ramped Output
TYPICAL APPLICATIONS
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
5V
LTC1154 • TA11
51k
0.22μF
+
470μF
47μF
ON/OFF
STATUS
+
10k
1N4148
IRLZ24
1N4148
100k
100k
0.1μF
12V/1A
20Ω
150μF
+
VIN
VSW
FB
GND
VC
LT1070
1k
1μF
1
3
5
4
2
50μH
10.72k
1%
1.24k
1%
1N5820
+
330μF
0.02Ω
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
5V
LTC1154 • TA12
0.1μF
ON/OFF
STATUS
1N4148
100k
100k
0.22μF
+
330μF
0.1Ω
+
VIN
VSW
FB
GND
VC
LT1070
1k
1μF
1
3
5
4
2
50μH
10.72k
1%
1.24k
1%
1N5820
10k
1N4148
IRF530
12V/1A
47μF
12V
+
150μF
51k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com