Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3748 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3748
Description  Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3748 Datasheet HTML 17Page - Linear Technology LT3748 Datasheet HTML 18Page - Linear Technology LT3748 Datasheet HTML 19Page - Linear Technology LT3748 Datasheet HTML 20Page - Linear Technology LT3748 Datasheet HTML 21Page - Linear Technology LT3748 Datasheet HTML 22Page - Linear Technology LT3748 Datasheet HTML 23Page - Linear Technology LT3748 Datasheet HTML 24Page - Linear Technology LT3748 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT4430
21
4430fb
APPLICATIONS INFORMATION
t = 5ms/DIV
4430 F08a
COC = 100pF
Figure 8a. Start-Up and Short-Circuit Recovery Waveforms
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV
t = 5ms/DIV
4430 F08b
COC = 0.0168μF = 0.01μF + 6.8nF
Figure 8b. Start-Up and Short-Circuit Recovery Waveforms
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV
t = 5ms/DIV
4430 F08c
COC = 0.022μF
Figure 8c. Start-Up and Short-Circuit Recovery Waveforms
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV
t = 5ms/DIV
4430 F08d
COC = 0.033μF
Figure 8d. Start-Up and Short-Circuit Recovery Waveforms
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV
t = 5ms/DIV
4430 F08e
COC = 0.047μF
Figure 8e. Start-Up and Short-Circuit Recovery Waveforms
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV
t = 5ms/DIV
4430 F08f
COC = 0.033μF
Figure 8f. Zoom In of Waveforms with Selected COC = 0.033μF
START-UP
VOUT
5V/DIV
SHORT-CIRCUIT
RECOVERY
VOUT
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com