Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2183 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2183
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2183 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2183 Datasheet HTML 9Page - Linear Technology LTC2183 Datasheet HTML 10Page - Linear Technology LTC2183 Datasheet HTML 11Page - Linear Technology LTC2183 Datasheet HTML 12Page - Linear Technology LTC2183 Datasheet HTML 13Page - Linear Technology LTC2183 Datasheet HTML 14Page - Linear Technology LTC2183 Datasheet HTML 15Page - Linear Technology LTC2183 Datasheet HTML 16Page - Linear Technology LTC2183 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
LTC2144-12: 64k Point FFT,
fIN = 140MHz, –1dBFS, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2144-12: 64k Point FFT,
fIN = 30MHz, –1dBFS, 105Msps
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
21454312 G19
FREQUENCY (MHz)
0
10
20
30
40
50
21454312 G19
LTC2144-12: 64k Point FFT,
fIN = 70MHz, –1dBFS, 105Msps
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
21454312 G20
FREQUENCY (MHz)
0
10
20
30
40
50
21454312 G20
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
21454312 G21
FREQUENCY (MHz)
0
10
20
30
40
50
21454312 G21
LTC2144-12: 64k Point 2-Tone
FFT, fIN = 69MHz, 70MHz,
–7dBFS, 105Msps
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
10
20
30
40
50
21454312 G22
FREQUENCY (MHz)
0
10
20
30
40
50
21454312 G22
OUTPUT CODE
2043
2044
2000
0
6000
4000
8000
10000
18000
16000
14000
12000
2045
2046
2047
21454312 G23
LTC2144-12: Shorted Input
Histogram
INPUT FREQUENCY (MHz)
0
69
68
72
71
70
50
100
150
200
250
300
21454312 G24
SINGLE-ENDED
ENCODE
DIFFERENTIAL
ENCODE
LTC2144-12: SNR vs Input
Frequency, –1dBFS, 105Msps,
2V Range
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
21454312 G25
2ND
3RD
LTC2144-12: 2nd, 3rd Harmonic
vs Input Frequency, –1dBFS,
105Msps, 2V Range
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
21454312 G26
2ND
3RD
LTC2144-12: 2nd, 3rd Harmonic
vs Input Frequency, –1dBFS,
105Msps, 1V Range
LTC2144-12: SFDR vs Input Level,
fIN = 70MHz, 105Msps, 2V Range
INPUT LEVEL (dBFS)
–80
40
30
20
10
0
60
50
70
80
110
100
90
–70 –60 –50 –40 –30 –20 –10
0
21454312 G27
dBFS
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com