Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3956 Datasheet(PDF) 1 Page - Micross Components

Part # LS3956
Description  Monolithic Dual N-Channel JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS3956 Datasheet(HTML) 1 Page - Micross Components

  LS3956 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOW DRIFT 
|∆ VGS1‐2 /∆T|= 5µV/°C max.
LOW LEAKAGE 
IG = 20pA TYP. 
LOW NOISE 
en = 10nV/√Hz TYP. 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature 
+150°C 
Maximum Voltage and Current for Each Transistor – Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
60V 
‐VDSO 
Drain to Source Voltage 
60V 
‐IG(f) 
Gate Forward Current 
50mA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 400mW @ 25°C 
 
MATCHING CHARACTERISTICS @ 25°C UNLESS OTHERWISE NOTED
SYMBOL 
CHARACTERISTICS 
VALUE 
UNITS 
CONDITIONS 
| V GS1‐2 / T| max. 
DRIFT VS. 
TEMPERATURE 
50 
µV/°C 
VDG=20V, ID=200µA 
TA=‐55°C to +125°C 
| V GS1‐2 | max. 
OFFSET VOLTAGE 
15 
mV 
VDG=20V, ID=200µA 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
60 
‐‐ 
‐‐ 
V 
VDS = 0                  ID=1µA 
BVGGO 
Gate‐To‐Gate Breakdown 
60 
‐‐ 
‐‐ 
V 
      I G= 1nA               ID= 0               IS= 0 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
1000 
 
2000 
 
3000 
 
µmho 
 
VDG= 20V         VGS= 0V      f = 1kHz 
YfS 
Typical Operation 
500 
700 
1000 
µmho 
     VDG= 20V         ID= 200µA     
|YFS1‐2 / Y FS| 
Mismatch 
‐‐ 
0.6 
3 
%  
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
0.5 
 
2 
 
5 
 
mA 
 
VDG= 20V              VGS= 0V 
|IDSS1‐2 / IDSS| 
Mismatch at Full Conduction 
‐‐ 
1 
5 
%  
 
VGS(off) or Vp 
GATE VOLTAGE 
Pinchoff voltage 
 
1 
 
2 
 
4.5 
 
V 
 
VDS= 20V               ID= 1nA 
VGS(on) 
Operating Range 
0.5 
‐‐ 
4 
V 
              VDS=20V                 ID=200µA 
 
‐IG 
GATE CURRENT 
Operating 
 
‐‐ 
 
20 
 
50 
 
pA 
 
VDG= 20V          ID= 200µA 
‐IG 
High Temperature 
‐‐ 
‐‐ 
50 
nA 
TA= +125°C
 
‐IG 
Reduced  VDG 
‐‐ 
5 
‐‐ 
pA 
VDG= 10V         ID= 200µA 
‐IGSS 
At Full Conduction 
‐‐ 
‐‐ 
100 
pA 
VDG= 20V              VDS= 0 
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
5 
 
µmho 
 
VDG= 20V              VGS= 0V 
YOS 
Operating 
‐‐ 
0.1 
1 
µmho 
VDG=  20V           ID= 200µA 
|YOS1‐2| 
Differential 
‐‐ 
0.01 
0.1 
µmho 
 
CMR 
COMMON MODE REJECTION 
‐20 log | VGS1‐2/ VDS| 
 
‐‐ 
 
100 
 
‐‐ 
 
dB 
 
∆VDS = 10 to 20V        ID=200µA 
CMR ‐20 log | VGS1‐2/ VDS| 
‐‐ 
75 
‐‐ 
dB ∆VDS = 5 to 10V        ID=200µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
0.5 
 
dB 
VDS= 20V      VGS= 0V       RG= 10MΩ 
f= 100Hz           NBW= 6Hz 
en 
Voltage 
‐‐ 
‐‐ 
15 
nV/√Hz 
VDS=20V   ID=200µA   f=10Hz  NBW=1Hz 
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
6 
 
pF 
 
VDS= 20V       VGS= 0V       f= 1MHz 
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
2 
pF 
CDD 
Drain‐to‐Drain 
‐‐ 
0.1 
‐‐ 
pF 
VDG=  20V           ID= 200µA 
The LS3956 is a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
LS3956
MONOLITHIC DUAL
N-CHANNEL JFET
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired
LS3956 Applications:
Wideband Differential Amps
High Input Impedance Amplifiers
The LS3956 family are matched JFET pairs for
differential amplifiers. The LS3956 family of general
purpose JFETs is characterized for low and medium
frequency differential amplifiers requiring low offset
voltage, drift, noise and capacitance
The LS3956 family exhibits low capacitance - 6pF max
and a spot noise figure of - 0.5dB max. The part offers
a superior tracking ability.
The 6 Pin SOT-23 provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Available Packages:
LS3956 in SOT-23
LS3956 available as bare die
Please contact Micross for full package and die dimensions
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution


Similar Part No. - LS3956

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS3956 LINEAR-LS3956 Datasheet
33Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS3956 MICROSS-LS3956 Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3956 MICROSS-LS3956 Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3956 MICROSS-LS3956 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956 MICROSS-LS3956 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
More results

Similar Description - LS3956

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N5911_TO-71 MICROSS-2N5911_TO-71 Datasheet
280Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3954_TO-71 MICROSS-LS3954_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_PDIP MICROSS-LS3958_PDIP Datasheet
283Kb / 1P
Monolithic Dual N-Channel JFET
LS3958_SOT-23 MICROSS-LS3958_SOT-23 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS832_TO-71 MICROSS-LS832_TO-71 Datasheet
286Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Calogic, LLC
U443 CALOGIC-U443_15 Datasheet
33Kb / 2P
N-Channel JFET Monolithic Dual
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com