Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4263-1
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4263-1 Datasheet HTML 17Page - Linear Technology LTC4263-1 Datasheet HTML 18Page - Linear Technology LTC4263-1 Datasheet HTML 19Page - Linear Technology LTC4263-1 Datasheet HTML 20Page - Linear Technology LTC4263-1 Datasheet HTML 21Page - Linear Technology LTC4263-1 Datasheet HTML 22Page - Linear Technology LTC4263-1 Datasheet HTML 23Page - Linear Technology LTC4263-1 Datasheet HTML 24Page - Linear Technology LTC4263-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4270/LTC4271
21
42701f
APPLICATIONS INFORMATION
the classification signature current (in this case, Class 3)
in the VCLASS range. Table 4 shows the possible clas-
sification values.
Table 4. 802.3af and 802.3at Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3W
Class 2
7W
Class 3
13W
Class 4
25.5W (Type 2)
If classification is enabled, the port will classify the PD
immediately after a successful detection cycle in semi-auto
or AUTO pin modes, or when commanded to in manual
mode. It measures the PD classification signature by ap-
plying 18V for 12ms (both values typical) to the port via
the OUTn pin and measuring the resulting current; it then
reports the discovered class in the Port Status register.
If the LTC4270/LTC4271 is in AUTO pin mode, it will ad-
ditionally use the classification result to set the ICUT and
ILIM thresholds. See the Reset and the AUTO/MID Pin
section for more information.
The classification circuitry is disabled when the port is
initially powered up with the AUTO pin low, in shutdown
mode,orwhenthecorrespondingClassEnablebitiscleared.
VOLTAGE (VCLASS)
0
60
50
40
30
20
10
0
510
15
20
42701 F13
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT
Figure 13. PD Classification
802.3at 2-Event Classification
The 802.3at specification defines two methods of classify-
ing a Type 2 PD. A-grade and B-grade LTC4270/LTC4271
parts support 802.3at 2-event classification.
One method adds extra fields to the Ethernet LLDP data
protocol; although the LTC4270/LTC4271 is compatible
with this classification method, it cannot perform clas-
sification directly since it doesn’t have access to the data
path. LLDP classification requires the PSE to power the
PD as a standard 802.3af (Type 1) device. It then waits for
the host to perform LLDP communication with the PD and
update the PSE port data. The LTC4270/LTC4271 supports
changing the ILIM and ICUT levels on the fly, allowing the
host to complete LLDP classification.
The second 802.3at classification method, known as
2-event classification or ping-pong, is supported by
the LTC4270/LTC4271. A Type 2 PD that is requesting
more than 13W will indicate Class 4 during normal
802.3af classification. If the LTC4270/LTC4271 sees
Class 4, it forces the port to a specified lower voltage
(called the mark voltage, typically 9V), pauses briefly, and
then re-runs classification to verify the Class 4 reading
(Figure 1). It also sets a bit in the High Power Status register
to indicate that it ran the second classification cycle. The
second cycle alerts the PD that it is connected to a Type
2 PSE which can supply Type 2 power levels.
2-event ping-pong classification is enabled by setting a bit
in the port’s High Power Mode register. Note that a ping-
pong enabled port only runs the second classification cycle
when it detects a Class 4 device; if the first cycle returns
Class 0 to 3, the port determines it is connected to a Type 1
PD and does not run the second classification cycle.
Invalid Type 2 Class Combinations
The 802.3at specification defines a Type 2 PD class signa-
ture as two consecutive Class 4 results; a Class 4 followed
by a Class 0-3 is not a valid signature. In AUTO pin mode,
the LTC4270/LTC4271 will power a detected PD regardless
of the classification results, with one exception: if the PD
presents an invalid Type 2 signature (Class 4 followed by
Class 0 to 3), the LTC4270/LTC4271 will not provide power
and will restart the detection process. To aid in diagnosis,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com