Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4265 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4265
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4270/LTC4271
6
42701f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
XIO
VOLX
XIO Digital Output Low
VXIOn – VEE, IXIOn = 5mA
l
0.7
V
VOHX
XIO Digital Output High
VXIOn – VEE, IXIOn = 100μA
l
3.5
V
XIO Digital Input Low Voltage
VXIOn – VEE
l
0.8
V
XIO Digital Input High Voltage
VXIOn – VEE
l
3.4
V
Internal Pull Up to VEE + 4.3V
XIO0, XIO1
l
50
kΩ
PSE Timing Characteristics
tDET
Detection Time
Beginning To End of Detection (Note 7)
l
220
ms
tCLE
Class Event Duration
(Note 7)
l
12
ms
tCLEON
Class Event Turn On Duration
CPORT = 0.6μF (Note 7)
l
0.1
ms
tME
Mark Event Duration
(Note 7, Note 11)
l
8.6
ms
tMEL
Last Mark Event Duration
Event 2 of 2 or 3 of 3 (Note 7, Note 11)
l
16
22
ms
tPON
Power On Delay in AUTO Pin Mode
From End of Valid Detect to Application of
Power to Port (Note 7)
l
60
ms
Turn-On Rise Time
(AGND – VOUT): 10% to 90% of (AGND -
VEE) CPORT = 0.15μF (Note 7)
l
15
24
μs
Turn-On Ramp Rate
CPORT = 0.15μF (Note 7)
l
10
V/μs
tTOCL
Turn-On Class Transition
CPORT = 0.15μF (Note 7)
l
0.1
ms
tED
Fault Delay
From ICUT or ILIM Fault to Next Detect
(Note 7)
l
1.0
1.1
s
Midspan Mode Detection Backoff
RPORT = 15.5kΩ (Note 7)
l
2.3
2.5
2.7
s
Power Removal Detection Delay
From Power Removal After tDIS to Next
Detect (Note 7)
l
1.0
1.3
2.5
s
tSTART
Maximum Current Limit Duration During Port
Start-Up
(Note 7)
l
52
59
66
ms
tCUT
Maximum Overcurrent Duration After Port Start-
Up
(Note 7)
l
52
59
66
ms
Maximum Current Limit Duty Cycle
(Note 7)
l
5.8
6.3
6.7
%
tLIM
Maximum Current Limit Duration After Port Start-
Up – tLIM Enabled
tLIM = 1 (Note 7, Note 12)
l
10
12
14
ms
Maximum Current Limit Duration After Port Start-
Up – tLIM as tCUT
tLIM = 0 (Note 7, Note 12)
l
52
59
66
ms
tMPS
Maintain Power Signature (MPS) Pulse Width
Sensitivity
Current Pulse Width to Reset Disconnect
Timer (Note 7, Note 8)
l
1.6
3.6
ms
tDIS
Maintain Power Signature (MPS) Dropout Time
(Note 7, Note 5)
l
320
350
380
ms
tMSD
Masked Shut Down Delay
(Note 7)
6.5
μs
I2C Watchdog Timer Duration
(Note 7)
l
1.5
2
3
s
Minimum Pulse Width for Masked Shut Down
(Note 7)
l
3μs
Minimum Pulse Width for RESET
(Note 7)
l
4.5
μs
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3 & 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com