Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4118A Datasheet(PDF) 1 Page - Micross Components

Part # LS4118A
Description  Ultra-High Input Impedance N-Channel JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS4118A Datasheet(HTML) 1 Page - Micross Components

  LS4118A Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N4118A 
LOW POWER 
IDSS<90 µA  
MINIMUM CIRCUIT LOADING 
IGSS<1 pA 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +175°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source (Note 2) ‐40V 
  
 
LS4118A ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐40 
‐‐ 
‐‐ 
V 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐1 
‐‐ 
‐3 
V 
                  VDS = 10V,   ID = 1nA 
IDSS 
Gate to Source Saturation Current 
0.08 
‐‐ 
0.24 
mA 
VDS = 10V,   VGS = 0V 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐1 
pA 
VGS = ‐20V,  VDS = 0V 
‐‐ 
‐‐ 
‐2.5 
VGS = ‐20V,  VDS = 0V,  150°C 
gfs 
Forward Transconductance(Note 3) 
80 
‐‐ 
250 
µmho 
VDS = 10V,   VGS = 0V,   f = 1kHz 
 
gos 
Output Conductance 
‐‐ 
‐‐ 
5 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
3  
pF 
 
VDS = 10V,   VGS = 0V,   f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.5 
  
 
 
 
 
 
  
 
 
 
 
 
 
NOTES 
1 . Absolute maximum ratings are limiting values above which LS4118A serviceability may be impaired.  
2.  Due to symmetrical geometry, these units may be operated with source and drain leads interchanged 
3. This parameter is measured during a 2ms interval 100ms after power is applied.  (Not a JEDEC condition.) 
The LS4118A is an Ultra-High Input Impedance N-Channel JFET
LS4118A
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N4118A
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
LS4118A in TO-92
LS4118A in bare die.
Please contact Micross for full
package and die dimensions
LS4118A Benefits:
Insignificant Signal Loss / Error Voltage
with High-Impedance Source
Low Power Consumption (Battery)
Maximum Signal Output, Low Noise
High Sensitivity to Low-Level Signals
The LS4118A provides ultra-high input impedance. The
device is specified with a 1-pA limit and typically
operates at 0.2 pA. The part is ideal for use as a high-
impedance sensitive front-end amplifier.
LS4118A Applications:
High-Impedance Transducer
Smoke Detector Input
Infrared Detector Amplifier
Precision Test Equipment
TO-92 (Bottom View)


Similar Part No. - LS4118A

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS4118A MICROSS-LS4118A Datasheet
295Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118A_TO-71 MICROSS-LS4118A_TO-71 Datasheet
295Kb / 1P
Ultra-High Input Impedance N-Channel JFET
More results

Similar Description - LS4118A

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS4117-9 LINEAR-LS4117-9 Datasheet
14Kb / 1P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS4117_SOT-23 MICROSS-LS4117_SOT-23 Datasheet
284Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117_TO-92 MICROSS-LS4117_TO-92 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117A_TO-71 MICROSS-LS4117A_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4117A_TO-92 MICROSS-LS4117A_TO-92 Datasheet
286Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118_TO-71 MICROSS-LS4118_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118_TO-92 MICROSS-LS4118_TO-92 Datasheet
286Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4118A_TO-71 MICROSS-LS4118A_TO-71 Datasheet
295Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4119_TO-92 MICROSS-LS4119_TO-92 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4119A_TO-71 MICROSS-LS4119A_TO-71 Datasheet
294Kb / 1P
Ultra-High Input Impedance N-Channel JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com