Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS122_PDIP Datasheet(PDF) 1 Page - Micross Components

Part # LS122_PDIP
Description  MONOLITHIC DUAL NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS122_PDIP Datasheet(HTML) 1 Page - Micross Components

  LS122_PDIP Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
Direct Replacement for INTERSIL LS122 
HIGH  hFE @ LOW CURRENT ≥ 80 @ 10µA 
OUTPUT CAPACITANCE ≤ 2.0pF 
VBE tracking
≤ 20µV°C 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
10mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 | 
Base Emitter Voltage Differential 
‐‐ 
‐‐ 
5 
mV 
IC = 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
‐‐ 
20 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
‐‐ 
25 
nA 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage 
45 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage 
45 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage 
60 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
hFE 
DC Current Gain 
80 
‐‐ 
‐‐ 
 
IC = 10µA, VCE = 5V 
100 
‐‐ 
‐‐ 
 
IC = 1.0mA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.5 
V 
IC = 0.5mA, IB = 0.05mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
1 
nA 
IC = 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
1 
nA 
IE = 0, VCB = 45V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VCB = 5V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
2 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
10 
nA 
VCC = ±60V 
fT 
Current Gain Bandwidth Product 
180 
‐‐ 
‐‐ 
MHz 
IC = 1mA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = 100µA,  VCE = 5V, BW=200Hz, RG= 10KΩ, 
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
LS122
MONOLITHIC DUAL
NPN TRANSISTOR
LS122 Features:
High hfe at low current
Tight matching
Tight VBE tracking
Low Output Capacitance
The LS122 is a monolithic pair of NPN transistors
mounted in a single P-DIP package. The monolithic
dual chip design reduces parasitics and gives better
performance while ensuring extremely tight matching.
The LS122 is a direct replacement for discontinued
Intersil IT122.
The 8 Pin P-DIP provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Linear Systems replaces discontinued Intersil IT122
Available Packages:
LS122 in P-DIP
LS122 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
P-DIP (Top View)


Similar Part No. - LS122_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS122_SOIC MICROSS-LS122_SOIC Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS122_SOT-23 MICROSS-LS122_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS122_TO-71 MICROSS-LS122_TO-71 Datasheet
289Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS122_TO-78 MICROSS-LS122_TO-78 Datasheet
290Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS122_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS120_TO-71 MICROSS-LS120_TO-71 Datasheet
289Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS120A_TO-71 MICROSS-LS120A_TO-71 Datasheet
290Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS120A_TO-78 MICROSS-LS120A_TO-78 Datasheet
290Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS124_SOT-23 MICROSS-LS124_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS310_PDIP MICROSS-LS310_PDIP Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS310_TO-78 MICROSS-LS310_TO-78 Datasheet
284Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS311_SOIC MICROSS-LS311_SOIC Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS311_TO-71 MICROSS-LS311_TO-71 Datasheet
283Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS318_SOIC MICROSS-LS318_SOIC Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com