Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4260
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260 Datasheet(HTML) 4 Page - Linear Technology

  LTC4260 Datasheet HTML 1Page - Linear Technology LTC4260 Datasheet HTML 2Page - Linear Technology LTC4260 Datasheet HTML 3Page - Linear Technology LTC4260 Datasheet HTML 4Page - Linear Technology LTC4260 Datasheet HTML 5Page - Linear Technology LTC4260 Datasheet HTML 6Page - Linear Technology LTC4260 Datasheet HTML 7Page - Linear Technology LTC4260 Datasheet HTML 8Page - Linear Technology LTC4260 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4365
4
4365f
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Operating Current vs
Temperature
VOUT Shutdown Current vs
Temperature
VOUT Current vs Reverse VIN
VIN Operating Current vs
Temperature
VIN Shutdown Current vs VIN
VIN Current vs VIN (–40 to 60V)
GATE Current vs GATE Drive
GATE Drive vs VIN
GATE Drive vs Temperature
TEMPERATURE (°C)
–50
0
20
40
60
80
050
100
4365 G01
100
–25
25
75
125
SHDN = 2.5V
VIN = 12V
VIN = 34V
VOUT = VIN
VIN = 2.5V
VIN (V)
0
0
5
10
15
25
20
10
20
35
30
4365 G02
30
515
25
VIN = VOUT
SHDN = 0V
25°C
–45°C
125°C
70°C
VIN (V)
–50
–1600
–1200
–800
–400
0
050
75
4365 G03
400
–25
25
SHDN = UV = 0V
25°C
25°C
–45°C
125°C
TEMPERATURE (C°)
–50
0
40
80
120
160
0
100
75
125
4365 G04
200
–25
25
50
SHDN = 2.5V
VOUT = 34V
VOUT = 12V
VOUT = 2.5V
VIN = VOUT
TEMPERATURE (C°)
–50
0
5
10
15
0
25
75
100
125
4365 G05
20
–25
50
SHDN = 0V
VOUT = 34V
VOUT = 12V
VOUT = 2.5V
VIN = VOUT
VIN (V)
0
5
10
15
20
0
–10
–30
–40
–50
4365 G06
25
–20
–45°C
25°C
125°C
VOUT = 0V
VIN (V)
0
2
4
6
8
10
0
5
15
20
35
25
30
4365 G07
12
10
VOUT = 0V
VOUT = VIN
T = 25°C
IGATE = –1μA
TEMPERATURE (°C)
–50
0
2
4
6
8
050
100
4365 G08
10
–25
25
75
125
VIN = VOUT = 12V
VIN = VOUT = 34V
IGATE = –1μA
VIN = VOUT = 2.5V
ΔVGATE (V)
0
0
5
10
15
20
26
10
4365 G09
25
4
8
VIN = VOUT = 12V
125°C
25°C
–45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com