Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4352
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4365
6
4365f
PIN FUNCTIONS
Exposed Pad: Connect to device ground.
FAULT: FaultIndicationOutput.Thishighvoltageopendrain
output is pulled low if UV is below its monitor threshold,
if OV is above its monitor threshold, if SHDN is low, or if
VIN has not risen above VIN(UVLO).
GATE: Gate Drive Output for External N-channel MOSFETs.
An internal charge pump provides 20μA of pull-up current
and up to 9.8V of enhancement to the gate of an external
N-channel MOSFET.
When turned off, GATE is pulled just below the lower of
VIN or VOUT. When VIN goes negative, GATE is automati-
cally connected to VIN.
GND: Device Ground.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive divider to set the desired VIN overvoltage
fault threshold. Input to an accurate, fast (1μs) compara-
tor with a 0.5V rising threshold and 25mV of hysteresis.
When OV rises above its threshold, a 50mA current sink
pulls down on the GATE output. When OV falls back below
0.475V, and after a 36ms recovery delay waiting period,
the GATE charge pump is enabled. The low leakage current
of the OV input allows the use of large valued resistors for
the external resistive divider. Connect to GND if unused.
SHDN: Shutdown Control Input. SHDN high enables the
GATE charge pump which in turn enhances the gate of an
external N-channel MOSFET. A low on SHDN generates a
pull down on the GATE output with a 90μA current sink and
places the LTC4365 in low current mode (10μA). If unused,
connect to VIN. If VIN goes below ground, or if VIN rings to
60V, use a current limiting resistor of at least 100k.
UV: Undervoltage Comparator Input. Connect this pin
to an external resistive divider to set the desired VIN
undervoltage fault threshold. Input to an accurate, fast
(1μs) comparator with a 0.5V falling threshold and 25mV
of hysteresis. When UV falls below its threshold, a 50mA
current sink pulls down on the GATE output. When UV
rises back above 0.525V, and after a 36ms recovery
delay waiting period, the GATE charge pump is enabled.
The low leakage current of the UV input allows the use
of large valued resistors for the external resistive divider.
If unused, connect to VIN. While connected to VIN, if VIN
goes below ground, or if VIN rings to 60V, use a current
limiting resistor of at least 100k.
VIN: Power Supply Input. Maximum protection range:
–40V to 60V. Operating range: 2.5V to 34V.
VOUT: Output Voltage Sense Input. This pin senses the volt-
age at the output side of the external N-channel MOSFET.
The GATE charge pump voltage is referenced to VOUT. It
is used as the charge pump input when VOUT is greater
than approximately 6.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com