Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4355 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4355
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 5 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4365
5
4365f
UV/OV Propagation Delay vs
Overdrive
Recovery Delay Time vs
Temperature
Recovery Delay Time vs VIN
OV Threshold vs Temperature
UV/OV Leakage vs Temperature
UV Threshold vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
492.5
495.0
497.5
500.0
502.5
505.0
050
100
4365 G10
507.5
–25
25
75
125
VIN = VOUT = 12V
TEMPERATURE (°C)
–50
492.5
495.0
497.5
500.0
502.5
505.0
050
100
4365 G11
507.5
–25
25
75
125
VIN = VOUT = 12V
TEMPERATURE (°C)
–75
0
0.25
0.50
0.75
4365 G12
1.00
–25
25
75
175
125
VUV/OV = 0.5V
VIN = 12V
UV
OV
OVERDRIVE (mV)
1
0
8
4
12
16
4365 G13
20
10
100
1000
VIN = VOUT = 12V
T = 25°C
TEMPERATURE (°C)
–50
0
10
20
30
40
50
050
100
4365 G14
–25
25
75
125
VIN = 34V
VIN = 12V
VIN = 2.5V
VIN (V)
0
0
10
20
30
40
50
10
20
35
4365 G15
515
30
25
125°C
25°C
–45°C
4365 G16
2.5ms/DIV
GATE
VOUT
VIN
10μF, 1k LOAD ON VOUT
60V DUAL NCH MOSFET
1V/DIV
20V/DIV
GND
GND
4365 G17
250μs/DIV
VOUT
GATE
100μF, 12Ω LOAD ON VOUT
60V SI9945 DUAL NCH MOSFET
VIN = 12V
SHDN
5V/DIV
3V/DIV
GND
GND
4365 G18
250μs/DIV
VOUT
SHDN
GATE
100μF, 12Ω LOAD ON VOUT
60V SI9945 DUAL NCH MOSFET
5V/DIV
3V/DIV
GND
GND
AC Blocking
Turn-On Timing
Turn-Off Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com