Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4391 Datasheet(PDF) 1 Page - Micross Components

Part # LS4391
Description  Single N-Channel JFET switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS4391 Datasheet(HTML) 1 Page - Micross Components

  LS4391 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N4391 
LOW ON RESISTANCE 
rDS(on) ≤ 30Ω 
LOW GATE OPERATING CURRENT 
ID(off) = 5pA 
FAST SWITCHING 
t(ON) ≤= 15ns 
ABSOLUTE MAXIMUM RATINGS
1 @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = 50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage /  Gate to Source Voltage ‐35V 
LS4391 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐35 
‐‐ 
‐‐ 
 
V 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐4 
‐‐ 
‐10 
VDS = 15V, ID = 10nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
1 
                   IG =  1mA,   VDS = 0V 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.25 
‐‐ 
VGS = 0V,   ID = 3mA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.3 
‐‐ 
 
VGS = 0V,   ID = 6mA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
0.35 
0.4  
VGS = 0V,   ID = 12mA 
IDSS 
Drain to Source Saturation Current
2 
50 
‐‐ 
‐‐ 
mA 
VDS = 20V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐5 ‐100  
pA 
VGS = ‐20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐5 
‐‐ 
VDG = 15V,  ID = 10mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
5 
100 
VDS = 10V,   VGS = ‐10V 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
30 Ω 
VGS = 0V,   ID = 1mA 
LS4391 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
TYP 
MIN 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
6 
‐‐ 
‐‐ 
mS 
VDS = 20V,  ID = 1mA,  f = 1kHz 
gos 
Output Conductance 
25 
‐‐ 
‐‐ 
µS 
VDS = 20V,  ID = 1mA,  f = 1kHz 
rds(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
30 Ω 
VGS = 0V,  ID = 0A,  f = 1kHz 
Ciss 
Input Capacitance 
13 
‐‐ 
‐‐ 
 
 
pF 
VDS = 20V,   VGS = 0V,  f = 1MHz 
Crss  
Reverse Transfer Capacitance 
3.6 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐5V,  f = 1MHz 
Crss 
3.5 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐7V,  f = 1MHz 
Crss 
3.1 
‐‐ 
‐‐ 
VDS = 0V,   VGS = ‐12V,  f = 1MHz 
en 
Equivalent Input Noise Voltage 
3 
‐‐ 
‐‐ 
nV/√Hz 
VDS = 10V,  ID = 10mA,  f = 1kHz 
LS4391 SWITCHING ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
TYP 
MIN 
MAX 
UNITS 
CONDITIONS 
td(on)  
Turn On Time 
2 
‐‐ 
‐‐ 
 
 
ns 
 
 
 
VDD = 10V,   VGS(H) = 0V 
tr 
2 
‐‐ 
‐‐ 
td(off)  
Turn Off Time 
6 
‐‐ 
‐‐ 
tf 
13 
‐‐ 
‐‐ 
Notes: 1. Absolute ratings are limiting values above which serviceability may be impaired 
             2. Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3% 
 
LS4391 SWITCHING CIRCUIT PARAMETERS                                                                                                                                         SWITCHING CIRCUIT 
VGS(L) ‐12V  
RL 
800Ω 
 
ID(on) 
12mA  
  
 
  
 
  
 
  
 
  
 
LS4391
Single N-Channel JFET switch
Linear Systems replaces discontinued Siliconix 2N4391
The LS4391 features many of the superior
characteristics of JFETs which make it a good choice
for demanding analog switching applications and for
specialized amplifier circuits.
LS4391 Applications:
Analog Switches
Choppers,
Sample-and-Hold
Normally “On” Switches, Current Limiters
LS4391 Benefits:
Low Error Voltage
High-Speed Analog Circuit Performance
Negligible “Off-Error,” Excellent Accuracy
Good Frequency Response, Low Glitches
Eliminates Additional Buffering
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
LS4391 in SOT-23
LS4391 in bare die.
Contact Micross for full package and die dimensions
SOT-23 (Top View)


Similar Part No. - LS4391

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS4391 MICROSS-LS4391 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4391 MICROSS-LS4391 Datasheet
296Kb / 1P
Single N-Channel JFET switch
LS4391_TO-18 MICROSS-LS4391_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4391_TO-92 MICROSS-LS4391_TO-92 Datasheet
296Kb / 1P
Single N-Channel JFET switch
More results

Similar Description - LS4391

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
Micross Components
LS4391_TO-92 MICROSS-LS4391_TO-92 Datasheet
296Kb / 1P
Single N-Channel JFET switch
LS4392_SOT-23 MICROSS-LS4392_SOT-23 Datasheet
294Kb / 1P
Single N-Channel JFET switch
LS4392_TO-18 MICROSS-LS4392_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
LS4393_TO-18 MICROSS-LS4393_TO-18 Datasheet
299Kb / 1P
Single N-Channel JFET switch
PN4392_TO-92 MICROSS-PN4392_TO-92 Datasheet
295Kb / 1P
Single N-Channel JFET switch
PN4393_TO-92 MICROSS-PN4393_TO-92 Datasheet
295Kb / 1P
Single N-Channel JFET switch
SST4391_SOT-23 MICROSS-SST4391_SOT-23 Datasheet
295Kb / 1P
Single N-Channel JFET switch
SST4393_SOT-23 MICROSS-SST4393_SOT-23 Datasheet
294Kb / 1P
Single N-Channel JFET switch
logo
Linear Integrated Syste...
J-SST111 LINEAR-J-SST111 Datasheet
227Kb / 2P
SINGLE N-CHANNEL JFET SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com