Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

085 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 085
Description  Smart Highside High Current Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

085 Datasheet(HTML) 2 Page - Infineon Technologies AG

  085 Datasheet HTML 1Page - Infineon Technologies AG 085 Datasheet HTML 2Page - Infineon Technologies AG 085 Datasheet HTML 3Page - Infineon Technologies AG 085 Datasheet HTML 4Page - Infineon Technologies AG 085 Datasheet HTML 5Page - Infineon Technologies AG 085 Datasheet HTML 6Page - Infineon Technologies AG 085 Datasheet HTML 7Page - Infineon Technologies AG 085 Datasheet HTML 8Page - Infineon Technologies AG 085 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet BTS50085-1TMA
Infineon Technologies AG
Page 2
2008-Jan-24
Pin
Symbol
Function
1
OUT
O
Output to the load. The pins 1,2,6 and 7 must be shorted with each other
especially in high current applications!
3)
2
OUT
O
Output to the load. The pins 1,2,6 and 7 must be shorted with each other
especially in high current applications! 3)
3
IN
I
Input, activates the power switch in case of short to ground
4
Vbb
+
Positive power supply voltage, the tab is electrically connected to this pin.
In high current applications the tab should be used for the Vbb connection
instead of this pin
4).
5
IS
S
Diagnostic feedback providing a sense current proportional to the load
current; zero current on failure (see Truth Table on page 7)
6
OUT
O
Output to the load. The pins 1,2,6 and 7 must be shorted with each other
especially in high current applications! 3)
7
OUT
O
Output to the load. The pins 1,2,6 and 7 must be shorted with each other
especially in high current applications! 3)
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (over voltage protection see page 4)
Vbb
62
V
Supply voltage for full short circuit protection,
(E
AS limitation see diagram on page 10)
Tj,start =-40 ...+150°C:
Vbb
58
V
Load current (short circuit current, see page 5)
IL
self-limited
A
Load dump protection VLoadDump = UA + Vs, UA = 13.5 V
RI
5
)
= 2
Ω, RL = 0.23 Ω, td = 200 ms,
IN, IS = open or grounded
VLoad dump
6
)
80
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC
≤ 25 °C
Ptot
170
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C, TC = 150°C const.,
IL = 20 A, ZL = 6 mH, 0 Ω, see diagrams on page 10
EAS
1.2
J
Electrostatic discharge capability (ESD)
Human Body Model acc. MIL-STD883D, method 3015.7 and ESD
assn. std. S5.1-1993, C = 100 pF, R = 1.5 k
Ω
VESD
4.0
kV
Current through input pin (DC)
Current through current sense status pin (DC)
see internal circuit diagrams on page 7 and 8
IIN
IIS
+15 , -250
+15 , -250
mA
3
)
Not shorting all outputs will considerably increase the on-state resistance, reduce the peak current capability
and decrease the current sense accuracy
4
)
Otherwise add up to 0.7 m
Ω (depending on used length of the pin) to the RON if the pin is used instead of the
tab.
5
)
RI = internal resistance of the load dump test pulse generator.
6
)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com