Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5301 Datasheet(PDF) 1 Page - Micross Components

Part # LS5301
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS5301 Datasheet(HTML) 1 Page - Micross Components

  LS5301 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR LF5301 & PF5301 
HIGH INPUT IMPENDANCE 
IG = 0.100 pA 
HIGH GAIN 
gfs = 70 µS 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +175°C 
Operating Junction Temperature ‐65°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source ‐30V 
  
  
 
LS5301 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐30 
‐‐ 
‐‐ 
V 
VDS = 0V,   ID = ‐1µA 
VGS(off) 
Gate to Source Cutoff Voltage 
0.6 
‐‐ 
3.0 
V 
                  VDS = 10V,   ID = 1nA 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐1 
pA 
VDG = 0V,     VGS = ‐15V 
IG 
Gate Operating Current 
‐‐ 
0.04 
‐‐ 
VDG = 6V,    ID = 5µA 
IDSS 
Gate to Source Saturation Current 
30 
‐‐ 
500 
µA 
VDS = 10V,   VGS = 0V 
gfs 
Forward Transconductance 
70 
‐‐ 
300 
µS 
VDS = 10V,   VGS = 0V, f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
3 
pF 
VDS = 10V,   VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.5 
en 
Equivalent Input Noise Voltage 
‐‐ 
45 
150 
nV/√Hz  
VDG = 10V,    ID = 50µA , f = 100Hz 
 
NOTES 
1 . Absolute maximum ratings are limiting values above which LS5301 serviceability may be impaired.  
The LS5301 is a very High Input Impedance N-Channel JFET amplifier
LS5301
N-CHANNEL JFET
Linear Systems replaces discontinued LF5301 and PF5301
The LS5301
N-channel JFET is designed to provide
performance amplification at low frequencies and with
low noise.
The hermetically sealed TO-18 package is well suited
for military applications and harsh environment
LS5301 Applications:
High-Impedance Transducer
Smoke Detector Input
Infrared Detector Amplifier
Precision Test Equipment
LS5301 Benefits:
Insignificant Signal Loss/Error Voltage
with High-Impedance Source
Maximum Signal Output, Low Noise
High Sensitivity to Low-Level Signals
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Available Packages:
LS5301 in SOT-23
LS5301 in bare die.
Please contact Micross for full
package and die dimensions
SOT-23 (Top View)


Similar Part No. - LS5301

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301 Datasheet
174Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
285Kb / 1P
N-CHANNEL JFET
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301_14 Datasheet
182Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
More results

Similar Description - LS5301

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com