Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC222 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC222
Description  Varactor Diode for FM Receiver Electronic Tuning Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC222 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC222 Datasheet HTML 1Page - Sanyo Semicon Device SVC222 Datasheet HTML 2Page - Sanyo Semicon Device SVC222 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC222
No.6514-2/3
Reverse Voltage, VR -- V
C, Q -- VR
01
2
3
4
56
7
8
9
10
100
7
5
3
2
10
2
3
5
7
1000
100
IT02029
VRF=20mVrms
Quality
factor
Q (f=100MHz)
Interterminal
capacitance
C (f=1MHz)
C -- Ta
Ambient Temperature, Ta --
°C
1.04
1.03
1.02
1.01
1.00
0.99
0.98
--50
--25
0
25
50
75
100
125
150
VR = 2V
3V
VR = 8V
6V
3V
2V
4V
6V
8V
IT02030
4V
VRF=20mVrms
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com