Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1P0RFS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ESD1P0RFS
Description  RF ESD Protection Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD1P0RFS Datasheet(HTML) 2 Page - Infineon Technologies AG

  ESD1P0RFS Datasheet HTML 1Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 2Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 3Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 4Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 5Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 6Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 7Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 8Page - Infineon Technologies AG ESD1P0RFS Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ESD1P0RF...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
ESD contact discharge1)
VESD
20
kV
Peak pulse current (tp = 8 / 20 µs)2)
Ipp
10
A
Operating temperature range
Top
-55...150
°C
Storage temperature
Tstg
-65...150
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Reverse working voltage3)
VRWM
-
-
70
V
Reverse current
VR = 70 V
IR
-
-
100
nA
Forward clamping voltage2)
IPP = 3 A, tp = 8/20 µs
IPP = 10 A, tp = 8/20 µs
VFC
-
-
4
12
7
15
V
Line capacitance4)
VR = 0 V, f = 1 MHz
VR = 0 V, f = 1 MHz, for Application example 4
CT
-
-
1
0.5
1.5
0.75
pF
Series inductance (per diode)
SOT323
SOT363
LS
-
-
1.4
1.6
-
-
nH
1VESD according to IEC61000-4-2, only valid in anti-parallel or rail-to-rail connection.
Please refer to the application examples.
2Ipp according to IEC61000-4-5, only valid in anti-parallel or rail-to-rail connection.
Please refer to the application examples.
3Only valid in rail-to-rail configuration VCC ≥ VRWM
4Total capacitance line to ground (2 diodes in parallel)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com