Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5908_PDIP Datasheet(PDF) 1 Page - Micross Components

Part # LS5908_PDIP
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS5908_PDIP Datasheet(HTML) 1 Page - Micross Components

  LS5908_PDIP Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOW DRIFT 
| VGS1‐2 / T| = 5µV/°C TYP. 
ULTRA LOW LEAKAGE 
IG = 150fA TYP. 
LOW PINCHOFF 
Vp = 2V TYP. 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature 
+150°C 
Maximum Voltage and Current for Each Transistor – Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
40V 
‐VDSO 
Drain to Source Voltage 
40V 
‐IG(f) 
Gate Forward Current 
10mA 
‐IG 
Gate Reverse Current 
10µA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 40mW @ +125°C 
MATCHING CHARACTERISTICS @ 25°C UNLESS OTHERWISE NOTED
SYMBOL 
CHARACTERISTICS 
VALUE 
UNITS 
CONDITIONS 
| VGS1‐2 / T| max. 
DRIFT VS. 
TEMPERATURE 
20 
µV/°C 
VDG=10V, ID=30µA 
TA=‐55°C to +125°C 
| V GS1‐2 | max. 
OFFSET VOLTAGE 
10 
mV 
VDG=10V, ID=30µA 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
40 
60 
‐‐ 
V 
VDS = 0                  ID=1nA 
BVGGO 
Gate‐To‐Gate Breakdown 
40 
‐‐ 
‐‐ 
V 
      IG= 1nA               ID= 0               IS= 0 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
70 
 
300 
 
500 
 
µmho 
 
VDG= 10V         VGS= 0V      f = 1kHz 
YfS 
Typical Operation 
50 
100 
200 
µmho 
     VDG= 10V         ID= 30µA      f = 1kHz 
|YFS1‐2 / Y FS| 
Mismatch 
‐‐ 
1 
5 
%  
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
60 
 
400 
 
1000 
 
µA 
 
VDG= 10V              VGS= 0V 
|IDSS1‐2 / IDSS| 
Mismatch at Full Conduction 
‐‐ 
2 
5 
%  
 
VGS(off) or Vp 
GATE VOLTAGE 
Pinchoff voltage 
 
0.6 
 
2 
 
4.5 
 
V 
 
VDS= 10V               ID= 1nA 
VGS(on) 
Operating Range 
‐‐ 
‐‐ 
4 
V 
              VDS=10V                 ID=30µA 
 
‐IGmax. 
GATE CURRENT 
Operating 
 
‐‐ 
 
‐‐ 
 
1 
 
pA 
 
VDG= 10V ID= 30µA 
‐IGmax. 
High Temperature 
‐‐ 
‐‐ 
1 
nA 
TA= +125°C
 
‐IGSSmax. 
At Full Conduction 
‐‐ 
‐‐ 
2 
pA 
VDS =0V      VGS= 20V 
‐IGSSmax. 
High Temperature 
‐‐ 
‐‐ 
5 
nA 
TA= +125°C  
IGGO 
Gate‐to‐Gate Leakage 
‐‐ 
1 
‐‐ 
pA 
VGG= 20V 
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
5 
 
 
µmho 
 
 
VDG= 10V              VGS= 0V 
YOS 
Operating 
‐‐ 
0.1 
0.1 
VDG=  10V            ID=30µA 
|YOS1‐2| 
Differential 
‐‐ 
0.01 
0.1 
 
CMR 
COMMON MODE REJECTION 
‐20 log |∆VGS1‐2/∆VDS| 
 
‐‐ 
 
90 
 
‐‐ 
 
dB 
 
 
∆VDS = 10 to 20V        ID=30µA 
CMR ‐20 log |∆VGS1‐2/∆VDS| 
‐‐ 
90 
‐‐ 
∆VDS = 5 to 10V         ID=30µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
1 
 
dB 
VDS= 10V      VGS= 0V       RG= 10MΩ 
f= 100Hz           NBW= 6Hz 
en 
Voltage 
‐‐ 
20 
70 
nV/√Hz 
VDG=10V   ID=30µA   f=10Hz  NBW=1Hz 
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
3 
 
 
pF 
 
 
VDS= 10V       VGS= 0V       f= 1MHz 
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
1.5 
CDD 
Drain‐to‐Drain 
‐‐ 
‐‐ 
0.1 
VDG = 20V    ID=30µA      
LS5908
LOW NOISE, LOW DRIFT
MONOLITHIC DUAL
N-CHANNEL JFET
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired
SOIC / PDIP (Top View)
Available Packages:
LS5908 in PDIP / SOIC
LS5908 available as bare die
Please contact Micross for full package and die dimensions
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
LS5908 Benefits:
Tight Tracking
Good matching
Ultra Low Leakage
Low Drift
The LS5908 is a high-performance monolithic dual
JFET featuring tight matching and low drift over
temperature specifications, and is targeted for use in a
wide range of precision instrumentation applications
where tight tracking is required.
The 8 Pin P-DIP and 8 Pin SOIC provide ease of
manufacturing, and the symmetrical pinout prevents
improper orientation.
(See Packaging Information).


Similar Part No. - LS5908_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5908_SOIC MICROSS-LS5908_SOIC Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5908_SOT-23 MICROSS-LS5908_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5908_TO-71 MICROSS-LS5908_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LS5908_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com