Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC233 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC233
Description  Varactor Diode for FM Band Pager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC233 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC233 Datasheet HTML 1Page - Sanyo Semicon Device SVC233 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SVC233
Ordering number : EN5534
Varactor Diode for FM Band Pager
Silicon Diffused Junction Type
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
82597GI (KOTO) No.5534-1/2
Package Dimensions
unit: mm
1169A-CP
[SVC233]
SANYO: CP
1 : Anode
2 : Anode
3 : Cathode
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltege
VR
16
V
Junction Temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA
16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance *
C1V
VR=1.0V, f=1MHz
62.02
68.79
pF
C3.0V
VR=3.0V, f=1MHz
33.45
41.98
pF
C4.5V
VR=4.5V, f=1MHz
21.45
28.27
pF
Quality Factor
Q
VR=3.0V, f=100MHz
60
Capacitance Ratio
CR
C1.0V / C4.5V
2.35
3.00
Matching Tolerance
∆Cm
VR=1.0, 3.0, 4.5V, f=1MHz
0.03
(Cmax – Cmin) / Cmin
Note ) * : Capacitance value of one diode
Marking : SV
Electrical Connection
Features
• Low Voltage (4.5V).
• Twin type varactor diode device for FM band pagers
because of excellent large-signal input characteristics.
• Small-size package (CP) permitting SVC233-applied sets
to be compact and slim.
• Possible to offer the SVC233 devices in a tape reel
packaging, which facilitates automatic insertion.
A06245
12
3
1 : Anode
2 : Anode
3 : Cathode


Similar Part No. - SVC233

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC230-TB-E SANYO-SVC230-TB-E Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230-TB-E ONSEMI-SVC230-TB-E Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
More results

Similar Description - SVC233

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
FM IF IC FOR PAGER
logo
Sanyo Semicon Device
LA8610M SANYO-LA8610M Datasheet
256Kb / 9P
Pager Narrow-Band FM-IF Circuit
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC245 SANYO-SVC245 Datasheet
29Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
logo
New Japan Radio
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
FM IF IC FOR PAGER
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com