Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC241 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC241
Description  Varactor Diode For AM Up Conversion Tuning Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC241 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC241 Datasheet HTML 1Page - Sanyo Semicon Device SVC241 Datasheet HTML 2Page - Sanyo Semicon Device SVC241 Datasheet HTML 3Page - Sanyo Semicon Device SVC241 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC241
No.6294–2/4
C -- Ta
1.05
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
--75
--50
--25
0
25
50
75
100
125
150
IT01257
VRF=20mVrms
f=1MHz
4V
6V
8V
4V
6V
8V
2V
VR=1V
VR=1V
2V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com