Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC253 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC253
Description  Varactor Diode for AM Up-Conversion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC253 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC253 Datasheet HTML 1Page - Sanyo Semicon Device SVC253 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/90696GI/30195MO (KOTO) No.4953-1/2
SVC253
Ordering number :EN4953A
Varactor Diode for AM Up-Conversion
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Sillicon Diffused Junction Type
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
1
=
0
5A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C
V
0
.
1
VR
*
z
H
M
1
=
f
,
V
0
.
1
=0
.
1
50
.
6
7F
p
C
V
0
.
6
VR
z
H
M
1
=
f
,
V
0
.
6
=0
.
6
10
.
9
2F
p
C
V
0
.
9
VR
z
H
M
1
=
f
,
V
0
.
9
=5
.
95
.
5
1F
p
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC
V
0
.
1
C
/
V
0
.
9
6
.
48
.
5
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
0
0
1
=
f
,
V
0
.
3
=0
6
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1148A
[SVC253]
1:Anode
2:No Contact
3:Cathode
SANYO:CP
Note)*:1MHz signal:20mVrms
Electrical Characteristics at Ta = 25˚C
Electrical Connection
Applications
· FM band VCO, PLL.
Features
· High capacitance ratio.
· Compact packaging supports more compact and
slimmer SVC253-applied set designs.
˚C
˚C
· Marking:NV


Similar Part No. - SVC253

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC251SPA SANYO-SVC251SPA Datasheet
53Kb / 3P
Varactor Diode for AFC, CB PLL
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
Varactor Diode for AFC, CB PLL
More results

Similar Description - SVC253

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE618 NTE-NTE618 Datasheet
17Kb / 2P
Varactor Silicon Tuning Diode for AM Radio
logo
Sanyo Semicon Device
SVC241 SANYO-SVC241 Datasheet
28Kb / 4P
Varactor Diode For AM Up Conversion Tuning Use
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC343 SANYO-SVC343 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC346 SANYO-SVC346 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC347 SANYO-SVC347 Datasheet
19Kb / 3P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com