Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC321SPA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC321SPA
Description  Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC321SPA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC321SPA Datasheet HTML 1Page - Sanyo Semicon Device SVC321SPA Datasheet HTML 2Page - Sanyo Semicon Device SVC321SPA Datasheet HTML 3Page - Sanyo Semicon Device SVC321SPA Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22898HA (KT)/D1096GI (KOTO) /3029MO/4088TA/4043KI, TS No.699-1/4
SVC321SPA
Ordering number :EN699H
Varactor Diode (IOCAP)
for AM Receiver Electronic Tuning
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Type Sillicon Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
0
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR V
9
=
0
0
1A
n
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C
V
2
.
1
VR
z
H
M
1
=
f
,
V
2
.
1
=1
.
8
8
31
.
9
5
4F
p
C
V
5
.
3
VR
z
H
M
1
=
f
,
V
5
.
3
=2
.
4
4
11
.
2
9
1F
p
C
V
0
.
6
VR
z
H
M
1
=
f
,
V
0
.
6
=1
7
.
5
41
9
.
0
6F
p
C
V
0
.
8
VR
z
H
M
1
=
f
,
V
0
.
8
=0
3
.
0
25
0
.
7
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
1
=
f
,
V
0
.
1
=0
0
2
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CCR
C
V
2
.
1
C
/
V
0
.
8
z
H
M
1
=
f
,5
.
5
1
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆Cm
C
(
x
a
m
C
–
n
i
m
C
/
)
n
i
m
3
0
.
0
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1184
[SVC321SPA]
Note)*:The SVC321SPA is classufued by C1.2V and C8.0V as follows:
Electrical Characteristics at Ta = 25˚C
Features
· The SVC321SPA is a varactor diode with a good
linearity and high capacitance raito that is capable of
being operated from a low voltage and is intended
for use in AM receiver electronic tuning applica-
tions.
˚C
˚C
C:Cathode
A:Anode
SANYO:SPA
k
n
a
RC
V
2
.
1
)
F
p
(C
V
0
.
8
)
F
p
(
A1
.
4
2
4
o
t
1
.
8
8
34
5
.
3
2
o
t
0
3
.
0
2
B1
.
4
2
4
o
t
1
.
8
8
35
0
.
7
2
o
t
1
3
.
3
2
C1
.
9
5
4
o
t
0
.
0
2
44
5
.
3
2
o
t
0
3
.
0
2
D1
.
9
5
4
o
t
0
.
0
2
45
0
.
7
2
o
t
1
3
.
3
2


Similar Part No. - SVC321SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC323 SANYO-SVC323 Datasheet
62Kb / 4P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
Suntsu Electronics, Inc...
SVC32C SUNTSU-SVC32C Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
SVC32C1A07A SUNTSU-SVC32C1A07A Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
SVC32C1A07B SUNTSU-SVC32C1A07B Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
More results

Similar Description - SVC321SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC202 SANYO-SVC202 Datasheet
84Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC208 SANYO-SVC208 Datasheet
116Kb / 4P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC212 SANYO-SVC212 Datasheet
48Kb / 3P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC245 SANYO-SVC245 Datasheet
29Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC347 SANYO-SVC347 Datasheet
19Kb / 3P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC351 SANYO-SVC351 Datasheet
45Kb / 3P
Composite Varactor Diode for AM Receiver Electronic Tuning Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com