Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC325 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC325
Description  Varactor Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC325 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC325 Datasheet HTML 1Page - Sanyo Semicon Device SVC325 Datasheet HTML 2Page - Sanyo Semicon Device SVC325 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC325
No.6649-2/3
C, Q -- VR
01
2
3
4
5
6
7
8
9
10
10
2
3
5
7
100
2
3
5
7
1000
100
2
3
5
7
1000
2
3
5
7
10000
IT02513
VRF=20mVrms
Reverse Voltage, VR -- V
Quality
factor
Q
(f=1MHz)
Interterminal
capacitance
C
(f=1MHz)
C -- Ta
1.06
1.05
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.96
0.97
--75
--50
--25
0
25
50
75
100
125
150
IT02514
VR=1V
3V
7V
5V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com