Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSID101 Datasheet(PDF) 1 Page - Micross Components

Part # LSID101
Description  PICO-AMP DUAL DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSID101 Datasheet(HTML) 1 Page - Micross Components

  LSID101 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
DIRECT REPLACEMENT FOR INTERSIL ID101 
REVERSE LEAKAGE CURRENT 
IR = 0.1pA 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ 30V 
REVERSE CAPACITANCE 
Crss = 0.75pF 
ABSOLUTE MAXIMUM RATINGS (Note 1) 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
Maximum Currents
Forward Current  
20mA 
Reverse Current 
100µA 
Maximum Voltages 
Reverse Voltage 
30V 
Diode to Diode Voltage 
±50V 
 
ID101 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage 
30 
‐‐ 
‐‐ 
V 
IR = 1µA 
VF 
Forward Voltage 
0.8 
‐‐ 
1.1 
V 
IF = 10mA 
IR 
Reverse Leakage Current 
‐‐ 
0.1 
‐‐ 
 
pA 
VR = 1V 
‐‐ 
2.0 
10 
VR = 10V 
|IR1‐IR2| 
Differential Leakage Current 
‐‐ 
‐‐ 
3 
CrSS 
Total Reverse Capacitance(Note 2) 
‐‐ 
0.75 
1 
pF 
VR = 10V, f = 1MHz 
The ID101 is a low leakage Monolithic Dual Pico-Amp Diode
ID101
LOW LEAKAGE
PICO-AMP DUAL DIODE
Available Packages:
ID101 in TO-71
ID101 available as bare die
Please contact Micross for
full package and die dimensions
Linear Systems replaces discontinued Intersil ID101
Note 1 - Absolute maximum ratings are limiting values above which ID101 serviceability may be impaired.
Note 2 - Design reference only, not 100% tested
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
The ID101 low-leakage monolithic dual diode provides a
superior alternative to conventional diode technology
when reverse current (leakage) must be minimized. In
addition the monolithic dual construction allows
excellent capacitance matching per diode. The ID101
features a leakage current of 0.1 pA and is well suited
for use in applications such as input protection for
operational amplifiers.
ID101 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
ID101 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
FIGURE 1 – Operational Amplifier Protection 
 
Input Differential Voltage limited to 0.8V (typ) by Diodes ID101 
D1 and D2. Common Mode Input voltage limited by Diodes ID101 
D3 and D4 to ±15V. 
FIGURE 2  – Sample & Hold Circuit 
 
Typical Sample and Hold circuit with clipping. ID101 diodes 
reduce offset voltages fed capacitively from the ID101 switch 
gate.
TO-71 (Bottom View)
Note pins 3 & 5 must not be connected, in 
any fashion or manner, to any circuit or node 
LSID101 
LSID101 


Similar Part No. - LSID101

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSID100 MICROSS-LSID100 Datasheet
326Kb / 1P
PICO-AMP DUAL DIODE
LSID100_TO-78 MICROSS-LSID100_TO-78 Datasheet
326Kb / 1P
PICO-AMP DUAL DIODE
More results

Similar Description - LSID101

ManufacturerPart #DatasheetDescription
logo
Micross Components
DPAD50_TO-72 MICROSS-DPAD50_TO-72 Datasheet
276Kb / 1P
LOW LEAKAGE PICO-AMP DUAL DIODE
LSDPAD1_TO-78 MICROSS-LSDPAD1_TO-78 Datasheet
277Kb / 1P
PICO-AMP DUAL DIODE
LSDPAD2_TO-72 MICROSS-LSDPAD2_TO-72 Datasheet
276Kb / 1P
PICO-AMP DUAL DIODE
LSDPAD10_TO-72 MICROSS-LSDPAD10_TO-72 Datasheet
276Kb / 1P
PICO-AMP DUAL DIODE
LSDPAD20_TO-72 MICROSS-LSDPAD20_TO-72 Datasheet
276Kb / 1P
PICO-AMP DUAL DIODE
LSDPAD50_TO-72 MICROSS-LSDPAD50_TO-72 Datasheet
276Kb / 1P
PICO-AMP DUAL DIODE
LSDPAD100_TO-72 MICROSS-LSDPAD100_TO-72 Datasheet
276Kb / 1P
PICO-AMP DUAL DIODE
LSID100_TO-78 MICROSS-LSID100_TO-78 Datasheet
326Kb / 1P
PICO-AMP DUAL DIODE
LSJPAD20_TO-92 MICROSS-LSJPAD20_TO-92 Datasheet
265Kb / 1P
PICO-AMP DIODE
LSPAD100_TO-72 MICROSS-LSPAD100_TO-72 Datasheet
265Kb / 1P
PICO-AMP DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com